Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH72FBX-R

  • AI
    The **MAH72FBX-R** is a high-performance, industrial-grade cooling fan manufactured by **Nidec (Servo)**. These fans are commonly used in servers, telecommunications equipment, and high-density electronic enclosures where high static pressure and reliability are critical. --- ### 1. Technical Specifications The following table summarizes the core electronic and mechanical parameters of the MAH72FBX-R: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Nidec Corporation / Nidec Servo | | **Rated Voltage** | 12V DC | | **Operating Voltage Range** | 7.0V to 13.8V DC | | **Current Rating** | ~2.3A to 3.0A (depending on specific revision) | | **Rated Power** | Approx. 27.6W - 36W | | **Speed (RPM)** | High Speed (usually 15,000+ RPM) | | **Bearing Type** | Dual Ball Bearing | | **Connector** | 4-Pin (PWM + Tachometer) | --- ### 2. Key Electronic Components & Features The "Electronic Parts" of this fan consist of a sophisticated PCB (Printed Circuit Board) housed within the motor hub. #### A. Brushless DC (BLDC) Motor Driver The fan utilizes a **3-Phase Brushless DC motor**. Unlike brushed motors, it uses electronic commutation. * **Integrated Circuit (IC):** A dedicated motor controller IC manages the switching of the electromagnetic coils. * **Hall Effect Sensors:** These sensors detect the position of the rotor magnets to ensure precise timing for the commutation logic. #### B. Control Signals (4-Wire Interface) The electronic interface follows standard enterprise cooling protocols: 1. **VCC (+12V):** Power supply. 2. **GND:** Common ground. 3. **Tachometer (Frequency Generator):** Outputs a square wave signal proportional to the fan speed, allowing the system to monitor if the fan has stalled. 4. **PWM (Pulse Width Modulation):** Allows the motherboard or controller to adjust the speed from 0% to 100% duty cycle, optimizing noise vs. cooling performance. #### C. Protection Circuitry To ensure industrial longevity, the internal PCB includes: * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped. * **Soft Start:** Gradually ramps up the current to prevent power spikes on the system bus during startup. --- ### 3. Application Context Due to its high amperage and RPM, this part is rarely used in standard consumer PCs. It is designed for: * **1U/2U Rackmount Servers:** Where air must be forced through tightly packed heatsinks. * **Networking Switches:** High-heat environments requiring constant airflow. * **Power Supplies:** Large-scale industrial AC/DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the maximum Airflow (CFM) rating for the MAH72FBX-R?
    • ⤷ Can this fan be used with a standard 4-pin PC motherboard header?
    • ⤷ What are the physical dimensions of the MAH72FBX-R?