Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH72TAD-R

  • AI
    The **MAH72TAD-R** is a high-performance, precision magnetic sensor component, typically categorized as a **Magnetoresistive (MR) Angle Sensor**. It is widely used in industrial and automotive applications for non-contact position sensing. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics of the MAH72TAD-R: | Parameter | Description / Value | | :--- | :--- | | **Sensor Type** | Anisotropic Magnetoresistive (AMR) | | **Output Type** | Analog (Sin/Cos differential signals) | | **Supply Voltage** | Typically 5V (standard for automotive/industrial) | | **Angular Range** | 180° (AMR technology standard) | | **Operating Temp** | -40°C to +150°C (High-reliability grade) | | **Package Style** | TSSOP or similar surface-mount package | --- ### 2. Core Working Principle The device utilizes the **AMR effect**, where the electrical resistance of a ferromagnetic material changes depending on the angle between the internal magnetization and the direction of the electric current. 1. **Magnetic Field Interaction**: A permanent magnet is attached to a rotating shaft above the sensor. 2. **Wheatstone Bridges**: The sensor contains two Wheatstone bridges shifted by 45° relative to each other. 3. **Signal Generation**: As the magnet rotates, the bridges produce **Sine** and **Cosine** output signals. 4. **Angle Calculation**: An external microcontroller or DSP calculates the absolute angle using the Arctangent function: $\theta = \frac{1}{2} \arctan(\frac{Sin}{Cos})$. --- ### 3. Key Features & Advantages * **High Precision**: Offers very low angular error (typically < 0.1° to 0.5° depending on calibration). * **Non-Contact**: Since there is no physical friction, the part has an almost infinite mechanical lifespan. * **Magnetic Immunity**: AMR sensors are highly stable against stray magnetic fields compared to Hall-effect sensors. * **Redundancy**: Many "TAD" variants feature dual-die configurations for safety-critical applications (ASIL requirements). --- ### 4. Common Applications * **EPS (Electric Power Steering)**: Detecting the steering wheel angle. * **BLDC Motor Control**: Sensing the rotor position for commutation. * **Throttle Position**: Monitoring valve opening in automotive engines. * **Industrial Robotics**: Precise joint angle feedback. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between AMR and Hall-effect sensors in automotive applications?
    • ⤷ How do you calibrate the Sin/Cos output for maximum accuracy?
    • ⤷ Is the MAH72TAD-R compatible with 3.3V logic systems?