Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH73FBA-R

  • AI
    The **MAH73FBA-R** is a high-performance, thin-film chip resistor typically used in precision electronic circuits. These components are characterized by their high reliability, stability, and tight tolerance levels. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics of this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Precision Chip Resistor | | **Resistance Value** | Determined by the alphanumeric code (FBA) | | **Tolerance** | Usually ±0.1% or ±0.5% (Precision grade) | | **Power Rating** | 0.1W to 0.25W (depending on case size) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±50 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### Key Electronic Features 1. **Thin Film Technology**: Unlike thick film resistors, thin film construction involves vacuum deposition of resistive material onto a ceramic substrate. This results in much lower noise and better linearity. 2. **High Stability**: The "R" suffix often denotes RoHS compliance and high stability under humid or high-temperature conditions. These parts resist oxidation and sulfurization. 3. **Low Noise**: Due to the uniform grain structure of the thin film, these resistors produce minimal thermal noise, making them ideal for audio and sensitive measurement equipment. 4. **Precise TCR**: The Temperature Coefficient of Resistance (TCR) is very low, meaning the resistance value changes minimally even if the device heats up during operation. --- ### Common Applications * **Medical Electronics**: Precision monitoring and imaging equipment. * **Industrial Automation**: Control systems requiring long-term accuracy. * **Telecommunications**: Signal processing and base station hardware. * **Automotive**: Sensor circuits and Electronic Control Units (ECUs). --- ### Identifying the Part Number Structure While naming conventions vary by manufacturer (such as Viking Tech or Susumu), the code generally breaks down as follows: * **MAH**: Series identifier (High precision/High stability). * **73**: Case size (often 0603 or 1206 imperial equivalent). * **FBA**: Resistance value and tolerance code. * **R**: Packaging code (Tape & Reel) or RoHS compliance status.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the FBA code?
    • ⤷ How does thin film compare to thick film in high-frequency applications?
    • ⤷ Can this part be used in automotive AEC-Q200 standard circuits?