Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH74TAD-R

  • AI
    The **MAH74TAD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. General Specifications The MAH series (specifically the 74 size) is designed for high-current applications where space and efficiency are critical. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor (SMD) | | **Construction** | Metal Alloy / Magnetic Shielded | | **Size Code** | 74 (Approx. 7.3mm x 6.6mm) | | **Core Material** | Metal Composite (Low core loss, high saturation) | | **Termination** | Lead-free (RoHS compliant) | --- ### 2. Technical Characteristics The "TAD-R" suffix typically refers to the specific tolerance, packaging (Tape & Reel), and automotive or high-reliability rating. * **Magnetic Shielding:** The metal composite construction provides natural shielding, reducing Electromagnetic Interference (EMI) which is vital for dense PCB layouts. * **High Saturation Current:** Unlike ferrite inductors, metal alloy inductors have a "soft saturation" characteristic, meaning the inductance drops gradually rather than abruptly as current increases. * **Low DCR (DC Resistance):** Designed with flat wire or heavy-gauge copper to minimize energy loss through heat. --- ### 3. Application Use Cases The MAH74TAD-R is primarily found in DC-to-DC converter circuits. * **Voltage Regulator Modules (VRM):** Used in laptops and servers to step down voltage for CPUs/GPUs. * **Automotive Electronics:** Infotainment systems, ADAS sensors, and LED lighting control. * **Industrial Power Supplies:** High-efficiency buck/boost converters. * **Battery Powered Devices:** Due to low DCR, it helps extend battery life by reducing power dissipation. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **MAH** | Series identifier (Metal Alloy High Current) | | **74** | Dimensions (approx. 7.0 x 4.0 mm height profile) | | **TAD** | Material/Process characteristics | | **R** | Packaging (Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value (uH) for the MAH74TAD-R?
    • ⤷ What are the typical operating temperature limits for metal alloy inductors?
    • ⤷ How does a metal composite inductor compare to a traditional ferrite core inductor?