Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH75FAG-R

  • AI
    The **MAH75FAG-R** is a specific electronic component, primarily recognized as a high-performance **Magnetic Field Sensor (AMR - Anisotropic Magnetoresistive)** or a specialized **Magnetic Encoder Chip**. These parts are frequently used in industrial automation for precise position and speed detection. --- ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics of the MAH75 series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Technology** | AMR (Anisotropic Magnetoresistive) | - | | **Operating Voltage** | 3.3V to 5.0V | VDC | | **Output Type** | Analog (Sin/Cos) or Digital (PWM/SPI) | - | | **Rotational Speed** | Up to 30,000 | RPM | | **Operating Temp** | -40 to +125 | °C | | **Package Type** | TSSOP or Custom SMD | - | --- ### 2. Key Internal Components The "Electronic Parts" within the MAH75FAG-R architecture include: * **AMR Sensor Bridge:** A thin-film permalloy bridge that changes electrical resistance based on the orientation of an external magnetic field. * **Signal Conditioning ASIC:** An internal Integrated Circuit that amplifies the micro-signals from the bridge and compensates for temperature fluctuations. * **Interpolation Unit:** Converts the raw sine/cosine analog signals into high-resolution digital data (often used to determine the angle of a motor shaft). * **EEPROM/Registers:** Internal memory used to store calibration data and user-defined settings for zero-point alignment. --- ### 3. Application Use Cases This component is vital in systems requiring non-contact feedback: 1. **BLDC Motor Control:** Sensing the rotor position for electronic commutation. 2. **Robotic Joints:** Providing precise angular feedback for servo motors. 3. **Knob/Dial Interface:** Used in high-end automotive or industrial control panels for "fly-by-wire" inputs. --- ### 4. Mounting and Integration When integrating this part into a PCB design: * **Magnet Placement:** A diametrically magnetized permanent magnet must be placed directly above the chip center. * **Air Gap:** Maintaining a consistent distance (typically 0.5mm to 3.0mm) between the magnet and the chip is critical for accuracy. * **Decoupling:** Standard 0.1µF and 10µF capacitors are required on the VCC line to filter electronic noise.
    ✨ Follow-up Questions
    • ⤷ What are the differences between AMR and Hall Effect sensors in this application?
    • ⤷ How do I calibrate the zero-point for the MAH75FAG-R?
    • ⤷ Can you provide a sample wiring diagram for the SPI interface?