Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH75FBD-R

  • AI
    The **MAH75FBD-R** is a high-performance **Magnetic Angle Sensor IC** (specifically a Magneto-Resistive sensor) typically used in automotive and industrial applications for contactless position sensing. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The MAH75FBD-R utilizes **Anisotropic Magneto-Resistive (AMR)** technology. Unlike Hall-effect sensors that measure magnetic field strength perpendicular to the chip, AMR sensors measure the *angle* of the magnetic field in the plane of the IC, making them highly accurate and less sensitive to air-gap fluctuations. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensor Type** | AMR (Anisotropic Magneto-Resistive) | | **Output Type** | Analog (Sin/Cos) or Digital (depending on specific backend) | | **Supply Voltage (Vcc)** | Typically 5V (3.3V compatible in some variants) | | **Operating Temperature** | -40°C to +150°C (Automotive Grade) | | **Package Type** | TSSOP-8 or SOP-8 | | **Angular Range** | 180° (inherent to AMR) or 360° with logic | | **Accuracy** | High precision (often < ±0.1° to 0.5° error) | ### 3. Key Electronic Components & Internal Logic * **Wheatstone Bridge:** The core of the sensor consists of two Wheatstone bridges rotated 45° relative to each other. This setup generates Sine and Cosine signals. * **Signal Conditioning:** Internal amplifiers scale the low-level bridge voltages to a usable output level. * **Temperature Compensation:** Built-in circuitry compensates for changes in resistance caused by temperature fluctuations, ensuring a stable output across the entire automotive temperature range. ### 4. Typical Applications The MAH75FBD-R is designed for environments where mechanical wear must be avoided: 1. **Throttle Position Sensing:** Measuring the angle of the butterfly valve in an engine. 2. **Steering Angle Sensors:** Tracking the rotation of the steering wheel. 3. **BLDC Motor Control:** Providing rotor position feedback for commutation in brushless motors. 4. **Pedal Position:** Sensing the depression angle of accelerator or brake pedals. --- ### 5. Pin Configuration (Common 8-pin Layout) 1. **VCC:** Power Supply. 2. **GND:** Ground. 3. **SIN+ / SIN-:** Differential Sine output signals. 4. **COS+ / COS-:** Differential Cosine output signals. 5. **TEST/NC:** Factory calibration or No Connection. --- ### 6. Advantages vs. Hall Effect * **Lower Jitter:** AMR sensors generally have lower noise levels. * **Air Gap Tolerance:** Because it measures the direction of the field lines rather than the strength, the distance between the magnet and the sensor is less critical. * **Response Time:** Extremely fast response times suitable for high-speed motor rotation.
    ✨ Follow-up Questions
    • ⤷ What are the specific magnet requirements for the MAH75FBD-R?
    • ⤷ How does AMR technology compare to GMR in angle sensing?
    • ⤷ Can you provide a sample circuit diagram for interfacing this sensor with a microcontroller?