Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH75FCG-R

  • AI
    The **MAH75FCG-R** belongs to a specific category of high-reliability electronic components, typically associated with **Mecatronics** or similar high-performance fan/thermal management manufacturers. This part is a DC axial fan designed for industrial and technical cooling applications. ### 1. Technical Specifications Below are the primary electrical and mechanical specifications for this component: | Parameter | Specification | | :--- | :--- | | **Voltage (Rated)** | 12V DC | | **Current / Power** | High-performance (Varies by sub-series) | | **Bearing Type** | Ball Bearing (indicated by 'B' or 'G' logic) | | **Housing Material** | Thermoplastic (UL 94V-0) | | **Termination** | Lead Wires (R suffix often denotes custom lead length or RoHS) | | **Protection** | Polarity Protection & Auto-Restart | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer, the code generally breaks down as follows: * **MAH**: Series identifier (usually "Medium-High" performance series). * **75**: Dimensions (likely **75mm** or a specific frame size variant like a blower or square fan). * **F**: Speed Rating (F usually denotes "Fast" or High-speed). * **C**: Voltage code (Commonly 12V). * **G**: Bearing/Function code (Often indicates a specific sensor or dual ball-bearing system). * **-R**: Compliance (RoHS Compliant). --- ### 3. Key Electronic Features * **Brushless DC (BLDC) Motor:** The core component is a brushless motor which uses electronic commutation rather than physical brushes, reducing EMI (Electromagnetic Interference) and increasing lifespan. * **Locked Rotor Protection:** The internal IC detects if the fan blades are obstructed and cuts power to the coils to prevent overheating or fire hazards. * **Precision Ball Bearings:** The "G" or "B" variants typically utilize dual-shielded ball bearings, which allow for operation in high-temperature environments (up to 70°C) and provide a longer MTBF (Mean Time Between Failures). * **Speed Control (Optional):** Depending on the lead wire configuration (2-wire vs 3-wire), it may include a Tachometer (Frequency Generator) output to monitor RPM. --- ### 4. Typical Applications 1. **Server/Network Cabinets:** High static pressure for cooling dense electronics. 2. **Power Supplies:** Heat dissipation for industrial-grade AC/DC converters. 3. **Medical Equipment:** Reliable cooling for imaging or laboratory hardware.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (height/width/depth) for the MAH75 series?
    • ⤷ Does the '-R' suffix specifically indicate a 3-wire tachometer output?
    • ⤷ What is the expected lifespan (MTBF) of this fan at 40°C?