Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH76FAA-R

  • AI
    The **MAH76FAA-R** is an electronic component primarily classified as a **PTC (Positive Temperature Coefficient) Thermistor**, specifically designed for use in **degaussing circuits** of television sets and CRT (Cathode Ray Tube) monitors. --- ### 1. Component Overview A PTC thermistor is a thermally sensitive resistor whose resistance increases significantly as its temperature rises. In the context of the MAH76FAA-R, it functions as a self-regulating switch for an AC degaussing coil. ### 2. Technical Specifications While specific datasheets may vary slightly by manufacturer, the typical parameters for the MAH76FAA-R series are as follows: | Feature | Specification | | :--- | :--- | | **Type** | PTC Thermistor (Double-ended/Dual element) | | **Application** | Color TV/Monitor Degaussing | | **Rated Voltage** | 220V - 270V AC (Typical) | | **Resistance (at 25°C)** | ~18Ω to 20Ω (Initial) | | **Max Current** | High initial surge, tapering to low mA | | **Operating Temp** | -10°C to +60°C | --- ### 3. Key Electronic Functions #### A. Initial High Current (Degaussing) When the device is powered on from a cold state, the MAH76FAA-R has low resistance. This allows a large pulse of AC current to flow through the degaussing coil wrapped around the CRT. This creates a strong, alternating magnetic field that removes residual magnetism from the shadow mask. #### B. Self-Heating and Current Reduction As current flows through the PTC, it generates heat. Once the temperature reaches its "Curie point," the resistance spikes dramatically. This quickly reduces the current flowing through the coil to a negligible level (trickle current), effectively turning the degaussing field off without mechanical switches. #### C. Stabilization The component remains in a high-resistance state as long as the power is on, keeping the degaussing circuit inactive until the device is turned off and allowed to cool down for the next cycle. --- ### 4. Physical Construction The "R" suffix often denotes a specific lead configuration or lead-free (RoHS) compliance. * **Encapsulation:** Usually housed in a flame-retardant rectangular plastic case. * **Pin Configuration:** Typically features 2 or 3 pins. * **Material:** Barium Titanate based ceramic semiconductor. --- ### 5. Common Failure Symptoms If the MAH76FAA-R fails, it usually manifests in two ways: 1. **Open Circuit:** The degaussing never happens; the screen may show rainbow-like color distortions in the corners. 2. **Short Circuit:** May cause the main fuse of the television or monitor to blow immediately upon power-on.
    ✨ Follow-up Questions
    • ⤷How do I test a MAH76FAA-R with a multimeter?
    • ⤷ What are the common replacements for this PTC thermistor?
    • ⤷ Why do 3-pin PTC thermistors differ from 2-pin versions?