Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH76TAA-R

  • AI
    The **MAH76TAA-R** is a specific model of a **magnetic rotary encoder** (often categorized under Hall-effect sensors or angle sensors). These components are used to translate the angular position of a rotating shaft into an electrical signal. --- ## 1. Technical Specifications Below is a breakdown of the typical characteristics of this electronic component: | Feature | Description | | :--- | :--- | | **Technology** | Magnetic (Hall-Effect based) | | **Output Type** | Analog (Voltage proportional to angle) | | **Supply Voltage** | Usually 5V DC | | **Measuring Range** | 0° to 360° (Continuous rotation) | | **Resolution** | High-resolution linear output | | **Termination** | Radial leads or connector-ready pins | --- ## 2. Core Components and Operation The MAH76TAA-R functions through three main internal stages: 1. **Sensing Element:** A Hall-effect IC located inside the housing that detects changes in a magnetic field. 2. **Magnetic Target:** A permanent magnet attached to the rotating shaft. As the shaft turns, the orientation of the magnetic field changes relative to the sensor. 3. **Signal Processing:** The internal circuitry processes the magnetic flux density and converts it into a stable analog voltage (usually ranging from 10% to 90% of the supply voltage). --- ## 3. Key Advantages * **Non-Contact Sensing:** Because there is no physical contact between the sensor and the rotating magnet, there is zero mechanical wear, leading to a much longer lifespan compared to potentiometers. * **Environmental Resistance:** These parts are typically sealed against dust, moisture, and vibration. * **Low Torque:** Since there are no wipers or brushes, the rotational resistance is extremely low. --- ## 4. Typical Applications * **Industrial:** Valve position monitoring and robotic joint feedback. * **Automotive:** Throttle position sensing or steering angle detection. * **Medical:** Precision control knobs for imaging equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the MAH76TAA-R?
    • ⤷ Can this sensor be used in high-temperature environments?
    • ⤷ How does an analog output compare to a digital PWM output for this model?