Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH76TBA-R

  • AI
    The **MAH76TBA-R** is a specific electronic component, typically categorized as an **Electromagnetic Buzzer** or a **Magnetic Transducer**. These parts are designed to convert electrical signals into audible sound through magnetic induction. Below is a breakdown of its technical specifications, construction, and typical application. --- ### 1. Technical Specifications The following table outlines the general electrical and physical characteristics of this series: | Parameter | Typical Value | | :--- | :--- | | **Type** | Magnetic / Electromagnetic | | **Rated Voltage** | 1.5V - 12V (Model dependent) | | **Operating Voltage** | 1.0V ~ 15V DC | | **Rated Current** | Max 40mA - 80mA | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2000Hz - 2700Hz | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (Pins) | --- ### 2. Internal Components and Working Principle The MAH76TBA-R functions using the following internal electronic parts: 1. **Permanent Magnet:** Provides a static magnetic field. 2. **Electromagnetic Coil:** When an oscillating current passes through this coil, it creates a fluctuating magnetic field. 3. **Metal Diaphragm:** A flexible disk (often iron or a magnetic alloy) positioned above the coil. 4. **Housing/Case:** Usually made of Noryl or similar high-temperature plastic to protect the components and resonate the sound. **How it works:** The interaction between the permanent magnet and the fluctuating field of the coil causes the diaphragm to vibrate at a specific frequency, creating sound waves. --- ### 3. Circuit Implementation Since this is usually a **transducer** (rather than a self-driven buzzer), it requires an external oscillating circuit to produce sound. ```cpp // Example: Driving a magnetic transducer via Arduino int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2400); // Send a 2.4kHz square wave delay(500); noTone(buzzerPin); delay(500); } ``` --- ### 4. Key Applications * **Alarms:** Smoke detectors, security systems, and timers. * **User Feedback:** "Beep" sounds in microwave ovens, washing machines, and keyboards. * **Automotive:** Warning signals for seatbelts or door ajar indicators. * **Medical Equipment:** Heart rate monitors and diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a transducer like this and a self-driven buzzer?
    • ⤷ Can you provide a wiring diagram for connecting this to a transistor?
    • ⤷ What are the specific dimensions and pin pitch for the MAH76TBA-R?