Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAH78TCD-R

  • AI
    The **MAH78TCD-R** is a specific surface-mount component, typically classified as a **TVS (Transient Voltage Suppressor) Diode Array** or a specialized **ESD Protection Device**. These components are critical in modern electronics for protecting sensitive integrated circuits (ICs) from electrostatic discharge and voltage spikes. --- ### 1. Key Technical Specifications While specific manufacturers (like Littelfuse or ProTek) may vary slightly in their internal naming, parts in this series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Package Type** | SOT-23 / SC-70 (Surface Mount) | | **Working Voltage ($V_{rwm}$)** | 5.0V - 12V (Depends on specific sub-variant) | | **Clamping Voltage** | Low voltage (typically < 15V) | | **Circuit Configuration** | Dual or Single line protection | | **Capacitance** | Low capacitance (< 1pF to 5pF) for high-speed data | | **RoHS Status** | Lead-free and compliant | --- ### 2. Internal Construction and Circuitry The "TCD" designation often refers to a **Common Cathode** or **Common Anode** dual-diode configuration. * **Zener/TVS Diodes:** The part contains silicon-based diodes designed to enter "breakdown" mode very quickly (nanoseconds) when a voltage spike occurs. * **Energy Dissipation:** It shunts the excess current to the ground, preventing it from reaching the core processor or communication chip. --- ### 3. Application Areas These parts are commonly found in the following locations on a Printed Circuit Board (PCB): 1. **I/O Ports:** USB 2.0/3.0, HDMI, and Ethernet ports where static from human touch is common. 2. **Portable Electronics:** Smartphones, tablets, and wearables where space is limited and ESD risk is high. 3. **Automotive Electronics:** Protection for sensor data lines and CAN bus interfaces. 4. **Power Rail Filtering:** Acting as a secondary defense against small surges on 3.3V or 5V power lines. --- ### 4. Part Number Breakdown (General Convention) In the industry, the suffix **-R** usually denotes **Tape and Reel** packaging, meaning the parts are supplied on a reel for automated "Pick and Place" assembly machines. ```markdown MAH - Series Identifier (Manufacturer Specific) 78 - Voltage Rating or Design Revision TCD - Package/Configuration Code (e.g., Triple/Dual/Cathode) -R - Packaging Format (Tape & Reel) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the peak pulse power rating for this specific TVS diode?
    • ⤷ Can this component be used for high-speed USB 3.0 data line protection?
    • ⤷ What are the equivalent alternative part numbers for the MAH78TCD-R?