Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAX17841B

  • AI
    ## Overview of the MAX17841B The **MAX17841B** is an automotive-grade SPI-to-UART bridge interface designed primarily for battery management systems (BMS). It acts as the communication link between a host microcontroller (MCU) and a string of battery monitoring ICs (like the MAX1785x series). --- ### 1. Key Functional Components The internal architecture is designed to handle robust, high-voltage isolated communication. | Component | Function | | :--- | :--- | | **SPI Interface** | Connects to the host MCU (supports up to 4MHz). | | **UART Interface** | Connects to the daisy-chain of battery monitors. | | **Buffer/FIFO** | 128-byte transmit and receive buffers to reduce MCU overhead. | | **Clock Generator** | Internal oscillator for timing; supports external clock synchronization. | | **Fault Detection** | Monitors parity, framing errors, and communication timeouts. | --- ### 2. Pin Configuration and Hardware Interface The MAX17841B typically comes in a 20-pin TSSOP package. Below are the primary pin groups: #### MCU Side (SPI) - **SCLK, CS, MOSI, MISO**: Standard 4-wire SPI communication. - **IRQ**: Interrupt request pin to notify the MCU of new data or errors. #### BMS Side (UART) - **RXL / RXH**: Differential receive lines from the battery stack. - **TXL / TXH**: Differential transmit lines to the battery stack. #### Power & Control - **V_DD**: Logic supply (typically 3.3V or 5V). - **SHDNB**: Shutdown pin for low-power sleep mode. --- ### 3. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Operating Voltage** | 2.7V to 5.5V | | **Temperature Range** | -40°C to +125°C (AEC-Q100 Grade 0) | | **UART Baud Rate** | Up to 2Mbps | | **Quiescent Current** | < 2.0µA (in shutdown mode) | | **Communication Mode** | Half-duplex or Full-duplex | --- ### 4. Typical Application Circuit In a battery pack, the MAX17841B is the "Master" of the communication bus. ```mermaid graph LR MCU[Host Microcontroller] -- SPI Interface --> MAX17841B[MAX17841B Bridge] MAX17841B -- Differential UART --> BMIC1[MAX17853 Monitor] BMIC1 -- Daisy Chain --> BMIC2[MAX17853 Monitor] BMIC2 -- Daisy Chain --> BMICn[End of Stack] ``` ### 5. Why use the MAX17841B? 1. **Isolation Support**: Designed to work seamlessly with capacitive or transformer isolation, protecting the low-voltage MCU from the high-voltage battery stack. 2. **Simplified Software**: The hardware handles the UART protocol framing and timing, allowing the MCU to focus on battery management logic. 3. **Robustness**: Includes built-in features to handle CRC checks and communication wake-up sequences required in automotive environments. ---
    ✨ Follow-up Questions
    • ⤷ How does the MAX17841B handle differential signaling for noise immunity?
    • ⤷ What are the specific power-saving modes available in the MAX17841B?
    • ⤷ Can the MAX17841B be used with non-Maxim battery monitoring ICs?