Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MAX17841BGUE

  • AI
    ## Overview of the MAX17841BGUE The **MAX17841BGUE** is a specialized automotive-grade communication interface IC designed by Analog Devices (Maxim Integrated). It serves as a **SPI-to-UART bridge** specifically optimized for high-voltage battery management systems (BMS). Its primary role is to act as the gateway between a microcontroller (MCU) and a daisy-chain of battery monitoring integrated circuits (BMICs). --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | SPI to Differential UART | | **Operating Voltage** | 3.3V to 5V (Typical) | | **Communication Rate** | Up to 2Mbps | | **Automotive Grade** | AEC-Q100 Qualified | | **Package** | 16-pin TSSOP | | **Operating Temperature** | -40°C to +105°C | --- ### Main Functions and Components #### 1. Communication Bridging The device translates standard **SPI (Serial Peripheral Interface)** signals from the host microcontroller into a **Differential UART** signal. This differential signal is highly resistant to electromagnetic interference (EMI), making it ideal for the noisy environment of an electric vehicle (EV) battery pack. #### 2. Daisy-Chain Support It is designed to drive long strings of battery monitors (like the MAX17852 or MAX17853). * **Downstream:** Sends commands from the MCU to the battery monitors. * **Upstream:** Receives data back from the monitors to the MCU. #### 3. Battery Management Security The MAX17841B includes built-in features to ensure data integrity: * **Keep-Alive Signaling:** Ensures the communication chain stays active. * **Alert Monitoring:** It can detect and signal faults from the battery monitors back to the MCU via an interrupt pin. --- ### Internal Block Diagram Elements | Component | Description | | :--- | :--- | | **SPI Slave** | Receives data/commands from the system MCU. | | **UART Transceiver** | Converts logic levels to differential signals for long-distance communication. | | **Control Logic** | Manages timing, buffering, and protocol translation. | | **LDO/Regulators** | Internal power management to stabilize communication voltages. | --- ### Typical Application Circuit In a standard BMS architecture, the hardware setup looks like this: 1. **MCU** (via SPI) $\rightarrow$ **MAX17841BGUE** 2. **MAX17841BGUE** (via Differential UART) $\rightarrow$ **First Battery Monitor (BMIC)** 3. **BMIC #1** $\rightarrow$ **BMIC #2** ... (Daisy Chain) 4. The last BMIC loops back to the MAX17841B for a redundant communication path. --- ### Pinout Configuration (Key Pins) * **MOSI/MISO/SCLK/CS:** Standard SPI pins for MCU connection. * **TXP/TXN:** Positive and Negative differential transmit lines. * **RXP/RXN:** Positive and Negative differential receive lines. * **SHDN:** Shutdown pin for low-power sleep modes.
    ✨ Follow-up Questions
    • ⤷ How does the MAX17841BGUE handle electromagnetic compatibility (EMC) in electric vehicles?
    • ⤷ What are the differences between the MAX17841B and the standard MAX17841?
    • ⤷ Can this IC be used with non-Maxim battery monitoring chips?