Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MB104F

  • AI
    The **MB104F** is a member of the MB10x family of **Single-Phase Glass Passivated Bridge Rectifiers**. These components are essential in power electronics for converting Alternating Current (AC) into Direct Current (DC). --- ## 1. Technical Specifications The MB104F is specifically designed for surface mount applications (SMD) where space and efficiency are critical. | Parameter | Specification | | :--- | :--- | | **Device Type** | Single-Phase Bridge Rectifier | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 400V | | **Maximum RMS Voltage** | 280V | | **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 1.0 Amp | | **Peak Forward Surge Current ($I_{FSM}$)** | 30 Amps | | **Package Type** | MB-F (Surface Mount) | | **Operating Temperature Range** | -55°C to +150°C | --- ## 2. Key Internal Electronic Features ### A. Glass Passivated Die Construction The internal diodes use a glass-passivation layer. This protects the semiconductor junction from moisture and contaminants, resulting in: * Lower leakage current. * Increased reliability at high temperatures. * Higher voltage stability. ### B. High Surge Current Capability The device can handle a peak surge of up to **30A** for short durations (8.3ms sine wave). This is critical during the initial power-on phase when filter capacitors are charging (inrush current). ### C. Low Forward Voltage Drop Typically, the forward voltage drop ($V_F$) is around **1.0V to 1.1V** per diode. This ensures minimal power loss and heat generation during operation. --- ## 3. Pin Configuration and Circuitry The MB104F has four pins, arranged internally as a full-wave bridge circuit: ```text AC In (~) ----+----|>|----+---- (+) DC Out | Diode | AC In (~) ----+----|<|----+---- (-) DC Out ``` * **Pins 1 & 2 (~):** Input for AC voltage. * **Pin 3 (+):** Positive rectified DC output. * **Pin 4 (-):** Negative rectified DC output (Ground/Return). --- ## 4. Typical Applications The MB104F is commonly found in low-to-medium power electronics: 1. **AC/DC Adapters:** Charging circuits for smartphones and laptops. 2. **LED Lighting:** Converting mains power to DC for LED drivers. 3. **Power Supplies (SMPS):** Used in the primary stage of Switch Mode Power Supplies. 4. **Home Appliances:** Control boards for small electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MB104F and the MB1010F?
    • ⤷ How does the MB-F package compare to the standard MB package in terms of thermal performance?
    • ⤷ What is the recommended maximum input AC voltage for the MB104F?