Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MB2ST

  • AI
    ## MB2S Bridge Rectifier Overview The **MB2S** is a Surface Mount (SMD) Bridge Rectifier commonly used in power supplies and battery chargers. It is part of the "MB" series, designed to convert Alternating Current (AC) into Direct Current (DC). --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the MB2S component: | Parameter | Specification | | :--- | :--- | | **Part Number** | MB2S | | **Package Type** | SOIC-4 / MBS (Surface Mount) | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 200V | | **Max RMS Voltage** | 140V | | **Max Average Forward Rectified Current ($I_{F(AV)}$)** | 0.5A - 0.8A (Depends on mounting) | | **Peak Forward Surge Current** | 35A | | **Operating Temperature Range** | -55°C to +150°C | --- ### 2. Physical Layout and Pinout The MB2S features 4 pins arranged in a compact rectangular package. 1. **Pin 1 (~):** AC Input 2. **Pin 2 (~):** AC Input 3. **Pin 3 (+):** Positive DC Output 4. **Pin 4 (-):** Negative DC Output (Ground) --- ### 3. Core Features * **Glass Passivated Die Construction:** Enhances reliability and stability under high temperatures. * **Low Forward Voltage Drop:** High efficiency with minimal power loss. * **High Surge Current Capability:** Can handle sudden spikes in current during startup. * **Small Footprint:** Ideal for space-constrained applications like LED bulbs or mobile chargers. --- ### 4. Typical Applications The MB2S is found in low-power electronics where AC-to-DC rectification is required: * **LED Lighting:** Used in the driver circuits of LED bulbs. * **AC Adapters:** Small wall-plug power converters. * **Battery Chargers:** Charging circuits for small portable devices. * **Home Automation:** Powering smart switches and sensors from mains voltage. --- ### 5. Schematic Example In a standard circuit, the MB2S is placed immediately after the fuse or EMI filter: ```text AC Line (L) ----[ Fuse ]----+-------( ~ ) MB2S ( + )-------[ Filter Capacitor ]--- VCC | | AC Line (N) ----------------+-------( ~ ) ( - )-------[ GND ] ```
    ✨ Follow-up Questions
    • What is the difference between MB2S and MB10S?
    • How do I calculate the filter capacitor size for an MB2S circuit?
    • What are the thermal considerations for mounting an MB2S on a PCB?