Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MB6FUL-MBF-R

  • AI
    The **MB6FUL-MBF-R** is a specific electronic component, typically categorized as a high-performance **Bridge Rectifier**. These components are essential in power management, specifically for converting Alternating Current (AC) into Direct Current (DC). --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this series: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Single-Phase Bridge Rectifier | | **Forward Current ($I_F$)** | 0.8A to 1.0A (Typical) | | **Peak Reverse Voltage ($V_{RRM}$)** | 600V | | **Package Type** | MBF (Surface Mount) | | **Configuration** | Full-Wave Bridge | | **Mounting Type** | SMD (Surface Mount Device) | --- ### 2. Functional Breakdown The MB6FUL-MBF-R consists of four diodes connected in a bridge configuration inside a single miniature package. * **Miniaturization:** The "MBF" package is designed for space-constrained applications, offering a thinner profile than the standard "MB" or "MBS" packages. * **High Voltage Tolerance:** With a 600V rating, it is suitable for rectifying standard household AC voltages (110V - 240V) with a safety margin. * **Efficiency:** The "UL" or "F" designations often refer to "Ultra-Low" profile or "Fast" characteristics, though in this specific part, it primarily highlights the optimized package for automated assembly. --- ### 3. Application Use Cases This part is commonly found in the input stage of low-power electronic devices: 1. **LED Lighting:** Used in LED drivers to convert mains AC to DC to power the LEDs. 2. **Chargers/Adapters:** Found in mobile phone chargers and small power bricks. 3. **Home Appliances:** Integrated into the control boards of smart home devices and small appliances. 4. **Power Supplies:** Acts as the primary rectification stage for small Switching Mode Power Supplies (SMPS). --- ### 4. Schematic Representation In a circuit diagram, the MB6FUL-MBF-R is represented as follows: ```text AC (~) In | +------|------+ | ~ | ~ | | [ Bridge ] | <-- MB6FUL-MBF-R | + | - | +------|------+ | DC Out ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations when using the MBF package?
    • ⤷ How does the 600V rating impact its safety margin in 220V AC systems?
    • ⤷ What are the main differences between the MBF and MBS package types?