Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MBR145L-CB2-R

  • AI
    The **MBR145L-CB2-R** is a specific surface-mount Schottky Barrier Rectifier. These components are primarily used for rectification, freewheeling, and polarity protection in power management circuits. --- ## 1. Technical Specifications Below are the key electrical characteristics typically associated with this part number: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Forward Current ($I_{F}$)** | 1.0 Ampere | | **Max. Repetitive Reverse Voltage ($V_{RRM}$)** | 45 Volts | | **Forward Voltage Drop ($V_{F}$)** | Low (typically < 0.50V at 1A) | | **Package Type** | SOD-123FL / Flat Lead (Low Profile) | | **Configuration** | Single Diode | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Key Features * **Low Forward Voltage:** The "L" in the part number often signifies "Low $V_F$," which reduces power loss and improves efficiency in battery-operated devices. * **High Surge Capacity:** Designed to handle brief spikes in current without failing. * **Schottky Technology:** Utilizes a metal-to-silicon junction to provide extremely fast switching speeds compared to standard PN junction diodes. * **Surface Mount Design:** The SOD-123FL package is space-saving and ideal for automated high-speed assembly. --- ## 3. Application Areas The MBR145L-CB2-R is commonly integrated into the following systems: 1. **DC-DC Converters:** Acts as a catch diode in buck/boost regulators. 2. **Reverse Polarity Protection:** Prevents damage to a circuit if the battery or power supply is connected backwards. 3. **Charging Circuits:** Used in mobile phones, tablets, and portable electronics to manage power flow. 4. **Clamping & Protection:** Protects sensitive ICs from inductive voltage spikes. --- ## 4. Equivalent / Alternative Parts If this specific part is unavailable, the following general-purpose alternatives in the SOD-123 package may be compatible (verify $V_F$ and $I_F$ requirements first): * **MBR140** (Standard 1A/40V Schottky) * **SS14-L** (1A/40V Low Profile) * **B140** (Standard SMA/SOD equivalent) ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard recovery diode?
    • ⤷ Can I substitute the MBR145L with a diode that has a higher voltage rating like 60V?
    • ⤷ How does the 'Low VF' feature impact the thermal performance of a PCB?