Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MBR16100CTG..

  • AI
    ## MBR16100CTG: Schottky Barrier Rectifier Overview The **MBR16100CTG** is a high-power Schottky Power Rectifier. It is widely used in power supplies and energy management circuits due to its efficiency and fast switching speeds. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_{O}$)** | 16 A | Total current capacity (8.0 A per leg) | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 100 V | Maximum voltage the diode can block | | **Forward Voltage Drop ($V_F$)** | 0.70 V | Low voltage loss at 8.0 A ($T_C = 125^\circ C$) | | **Peak Repetitive Surge Current ($I_{FSM}$)** | 150 A | Max current pulse (8.3ms half sine wave) | | **Operating Junction Temperature ($T_J$)** | -65 to +175 °C | Thermal operating range | | **Package Type** | TO-220AB | Standard through-hole power package | --- ### 2. Functional Characteristics * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction, resulting in a significantly lower forward voltage drop ($V_F$) and negligible reverse recovery time. * **Dual Diode Configuration:** This part is a "Common Cathode" center-tap device. Inside the TO-220 package, there are two diodes sharing a center pin. * **Guard-Ring for Stress Protection:** Includes internal guard-rings for protection against transient voltages and "dv/dt" (rate of voltage change) stress. * **Low Power Loss:** Highly efficient for high-frequency switching applications. --- ### 3. Pinout Configuration The MBR16100CTG follows the standard TO-220 3-pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | **Pin 1** | Anode 1 | Positive terminal for Diode 1 | | **Pin 2** | Cathode (Common) | Shared negative terminal (connected to heat sink tab) | | **Pin 3** | Anode 2 | Positive terminal for Diode 2 | --- ### 4. Common Applications 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification in AC-DC and DC-DC converters. 2. **Freewheeling Diode:** Protects circuits from inductive spikes in motor controllers. 3. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷What are the cooling requirements for the MBR16100CTG when operating at full load?
    • ⤷ Can the two internal diodes be connected in parallel to increase current capacity?
    • ⤷ How does the forward voltage drop change as the temperature increases?