Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MBR20150DC-R

  • AI
    The **MBR20150DC-R** is a high-performance **Schottky Barrier Diode** commonly used in power rectification and protection circuits. It is characterized by its high voltage tolerance and high current capacity. --- ### 1. Key Technical Specifications The part number itself reveals several core specifications (MBR = Schottky, 20 = 20 Amps, 150 = 150 Volts). | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Average Rectified Current** | 20A (10A per leg) | Total current for the dual diode package. | | **Maximum Repetitive Peak Reverse Voltage** | 150V | The maximum reverse voltage it can withstand. | | **Forward Voltage Drop ($V_F$)** | ~0.75V to 0.90V | Lower than standard silicon diodes, reducing heat loss. | | **Operating Temperature Range** | -55°C to +175°C | High thermal stability for industrial use. | | **Package Type** | TO-263 (D2PAK) | Surface-mount package with high power dissipation. | --- ### 2. Internal Configuration The "DC" in the suffix usually denotes a **Dual Common Cathode** configuration. This means the component contains two separate diodes sharing a single output point. * **Pin 1:** Anode 1 * **Pin 2 / Tab:** Common Cathode (Output) * **Pin 3:** Anode 2 This design is ideal for **Full-Wave Rectification** in switching power supplies. --- ### 3. Core Features & Benefits * **Schottky Barrier Technology:** Uses a metal-to-semiconductor junction rather than a P-N junction. This results in **ultra-fast switching** and low energy loss. * **Guard Ring Protection:** Most MBR series diodes include an internal guard ring for stress protection and improved long-term reliability against high voltage transients. * **Low Reverse Leakage:** Optimized to minimize current flow when the diode is reverse-biased, which is critical for efficiency in high-temperature environments. --- ### 4. Common Applications Due to its 150V rating and high speed, the MBR20150DC-R is frequently found in: 1. **Switching Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **Solar Panels:** Acts as a bypass or blocking diode to prevent reverse current flow. 3. **DC-DC Converters:** High-frequency rectification to improve efficiency. 4. **Battery Chargers:** Protecting against reverse polarity and regulating output. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard recovery diode?
    • ⤷ How should I manage the heat dissipation for a TO-263 package at 20A?
    • ⤷ Can I parallel the two anodes of the MBR20150DC-R to increase current capacity?