Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MBR245L-SMA-R

  • AI
    ### Overview of MBR245L-SMA-R The **MBR245L-SMA-R** is a specific type of **Schottky Barrier Diode**. It is designed for high-efficiency power rectification and is commonly used in low-voltage, high-frequency applications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Rectifier | Fast switching, low forward voltage drop. | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum voltage it can block in reverse. | | **Max Average Forward Current ($I_{F(AV)}$)** | 2.0 A | Maximum continuous current allowed. | | **Forward Voltage Drop ($V_F$)** | ~0.45 V - 0.50 V | Energy loss during conduction (varies by load). | | **Package Type** | SMA (DO-214AC) | Surface mount, compact footprint. | | **Operating Temperature** | -55°C to +150°C | Robustness in high-heat environments. | --- ### 2. Functional Characteristics #### A. Low Forward Voltage ($V_F$) The "L" in the part number often signifies "Low" forward voltage. Because the voltage drop is significantly lower than a standard silicon diode (~0.7V), it generates less heat and improves overall power efficiency. #### B. Fast Switching Speed As a Schottky diode, it uses a metal-to-semiconductor junction rather than a P-N junction. This allows for nearly instantaneous switching, making it ideal for high-speed pulse-width modulation (PWM) and DC-DC conversion. #### C. SMA Packaging The **SMA (DO-214AC)** package is a standard surface-mount design. It is flat, leadless, and optimized for automated pick-and-place assembly on PCBs. --- ### 3. Common Applications * **DC-DC Converters:** Used as a freewheeling diode in buck or boost regulators. * **Polarity Protection:** Prevents circuit damage if a battery or power supply is connected backwards. * **Switching Power Supplies (SMPS):** Rectifying high-frequency signals into stable DC. * **Battery Charging:** Minimizing energy loss during the charging cycle. --- ### 4. Schematic Representation In a circuit diagram, it is represented by the standard Schottky Diode symbol: ```text Anode (A) Cathode (K) | /| | ---|-------| |--------|--- |/| (Bar with "hooks") ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SMA and SMB package for this diode?
    • ⤷ How does temperature affect the forward voltage drop of the MBR245L?
    • ⤷ Can this diode be used in AC-to-DC bridge rectifiers?