Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MBR545G-SMB-R

  • AI
    The **MBR545G-SMB-R** is a high-performance Schottky Barrier Rectifier. It is primarily used in power management circuits for rectification, freewheeling, and polarity protection. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's capabilities: | Segment | Meaning | | :--- | :--- | | **MBR** | Schottky Barrier Rectifier family | | **5** | Average Rectified Forward Current ($I_O$) = 5 Amperes | | **45** | Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$) = 45 Volts | | **G** | Lead-free / RoHS Compliant | | **SMB** | Package Type (Surface Mount Device) | | **R** | Tape and Reel packaging | --- ### 2. Key Electrical Specifications Below are the critical technical parameters for this diode: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 45 | Volts | | **Average Rectified Forward Current** | $I_{O}$ | 5.0 | Amps | | **Non-Repetitive Peak Surge Current** | $I_{FSM}$ | 100 | Amps | | **Forward Voltage Drop (at 5A, 25°C)** | $V_F$ | ~0.55 | Volts | | **Operating Junction Temperature** | $T_J$ | -55 to +150 | °C | --- ### 3. Core Features & Benefits * **Schottky Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction, resulting in ultra-fast switching speeds and low power loss. * **Low Forward Voltage:** The low $V_F$ ensures high efficiency and reduced heat dissipation compared to standard silicon diodes. * **SMB Package:** A standard surface-mount package (DO-214AA) that is ideal for automated assembly and compact PCB designs. * **Guard Ring Protection:** Usually includes a guard ring for stress protection and long-term reliability. --- ### 4. Typical Applications The MBR545G is commonly found in the following circuits: 1. **DC-DC Converters:** Used as a catch diode in buck or boost regulators. 2. **Solar Panels:** Employed as a blocking diode to prevent reverse current flow. 3. **Battery Charging:** Provides polarity protection and rectification. 4. **Low Voltage Inverters:** High-frequency rectification for power supplies. --- ### 5. Simple Circuit Representation In a basic protection circuit, the diode is placed in series with the load: ```mermaid graph LR A[Power Source +] -->|Current| B(MBR545G Diode) B --> C[Load/Circuit] C --> D[Power Source -] ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between an MBR545 and a standard 1N4007 diode?
    • ⤷ How does temperature affect the forward voltage drop of this Schottky diode?
    • ⤷ Can this diode be used in AC-to-DC bridge rectifiers for high-voltage applications?