Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MC0412-R68M1

  • AI
    The **MC0412-R68M1** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It belongs to the category of **molded power inductors**, known for their high efficiency and compact size. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Description | Value/Meaning | | :--- | :--- | :--- | | **MC** | Series Type | Metal Composite / Molded Choke | | **0412** | Dimensions | Approx. 4.0mm x 4.0mm x 1.2mm | | **R68** | Inductance Value | 0.68 µH (Microhenries) | | **M** | Tolerance | ±20% | | **1** | Internal Code | Manufacturer-specific revision/packaging | --- ### 2. Key Electrical Specifications Based on standard industry parameters for the 0412-R68M series: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Typically very low (approx. 15–20 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (e.g., 30%). For this size, it is usually between **7A to 9A**. * **Heat Rating Current ($I_{rms}$):** The continuous current that causes a temperature rise (usually 40°C). * **Operating Temperature:** Generally rated for **-40°C to +125°C**. --- ### 3. Construction and Materials The "MC" series utilizes a **Metal Composite Core**. This design offers several advantages over traditional ferrite inductors: 1. **Soft Saturation:** The inductance drops gradually as current increases, rather than dropping off suddenly. 2. **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with nearby components. 3. **High Current Density:** The composite metal powder allows for higher current handling in a smaller footprint. --- ### 4. Common Applications Due to its low profile (1.2mm height) and high current capability, the MC0412-R68M1 is typically found in: * **Smartphones and Tablets:** Voltage regulation for CPUs/GPUs. * **Laptops:** Point-of-Load (POL) converters. * **SSD Drives:** Power management for flash controllers. * **Automotive Electronics:** Infotainment and ADAS sensors (if AEC-Q200 qualified). ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for the MC0412-R68M1 from other manufacturers?
    • ⤷ How does the 1.2mm height impact the thermal performance compared to taller inductors?
    • ⤷ Can this inductor be used in high-frequency switching applications above 2MHz?