Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MC0872A-R68M

  • AI
    The **MC0872A-R68M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to the category of molded power chokes, known for their compact size and high current handling capabilities. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **MC** | Series Prefix | High-current molded inductor series | | **0872** | Dimensions | Approx. 8.0mm x 7.0mm (Case size) | | **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (such as Codaca or Mag.Layers), the standard parameters for an R68M inductor in this size class are: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Extremely low (typically < 3.0 mΩ) to minimize power loss. * **Saturation Current (Isat):** The current level where inductance drops by ~30%. Usually ranges between **15A to 25A**. * **Heating Current (Irms):** The current causing a 40°C temperature rise. Usually ranges between **12A to 20A**. * **Operating Temperature:** Typically **-40°C to +125°C**. --- ### 3. Key Features The MC0872A-R68M is designed with specific construction techniques to ensure efficiency: 1. **Magnetic Shielding:** The molded construction uses a metal alloy powder core that provides excellent EMI (Electromagnetic Interference) shielding. 2. **Low Buzz Noise:** Because the core is molded around the coil, it minimizes physical vibrations that cause audible "acoustic noise." 3. **High Density:** Offers a very high current-carrying capacity relative to its small footprint. 4. **Soft Saturation:** Unlike ferrite inductors, these molded types do not have a sharp drop in inductance when current exceeds limits, making the circuit more stable. --- ### 4. Typical Applications This component is found in circuits requiring high efficiency and high current in a small space: * **Voltage Regulator Modules (VRM):** For CPUs and GPUs. * **DC-DC Converters:** Point-of-Load (POL) power supplies. * **Consumer Electronics:** Laptops, tablets, and high-end smartphones. * **Automotive:** Infotainment and driver assistance systems (if AEC-Q200 qualified).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the MC0872A-R68M?
    • ⤷ How does the 'R68' inductance value affect the ripple current in a buck converter?
    • ⤷ What is the difference between Isat and Irms for this specific inductor?