Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MC44CC373CAS

  • AI
    ## MC44CC373CAS Electronic Parts Overview The **MC44CC373CAS** is a highly integrated **CMOS NTSC/PAL Modulator**. It is designed for applications like set-top boxes, VCRs, and DVD players to convert baseband audio and video signals into a radio frequency (RF) signal suitable for a television's antenna input. --- ### 1. Key Internal Components The chip functions as a "system on a chip" for RF modulation. Below are the primary internal parts: | Part / Module | Function | | :--- | :--- | | **Video Modulator** | AM modulates the video signal onto the RF carrier. | | **Audio Modulator** | FM modulates the audio signal (mono) onto the sound subcarrier. | | **VHF/UHF Oscillator** | Generates the high-frequency carrier signal (Channels 21–69). | | **PLL Synthesizer** | Ensures frequency stability via I2C bus programming. | | **Test Pattern Generator** | Produces a visual signal (usually vertical bars) for tuning purposes. | | **I2C Interface** | Allows a microcontroller to set the channel and operational parameters. | --- ### 2. Physical Specifications The "CAS" suffix typically refers to the package and lead-free status. * **Package Type:** SOIC-16 (Small Outline Integrated Circuit). * **Pin Count:** 16 pins. * **Operating Voltage:** Typically 5V (Standard for analog video circuits). * **Frequency Range:** Covers both VHF and UHF bands (approx. 45 MHz to 860 MHz). --- ### 3. Pinout Description (Core Pins) To integrate the MC44CC373CAS, specific external components are required for these pins: 1. **VCC / GND:** Power supply pins (usually +5V). 2. **Video In:** Input for the composite video signal. 3. **Audio In:** Input for the analog mono audio signal. 4. **SDA / SCL:** I2C data and clock lines for digital control. 5. **RF Out:** The modulated output signal to be sent to the TV. 6. **XTAL:** Connection for an external crystal oscillator (usually 4MHz). --- ### 4. Required External Peripheral Components While the IC does most of the work, it requires a small "tank" circuit and filtering to function correctly: * **Decoupling Capacitors:** 100nF and 10uF capacitors near the VCC pin to reduce noise. * **Crystal Oscillator:** A 4.0 MHz crystal is usually required for the internal PLL timing. * **LC Filter:** An external inductor-capacitor network at the RF output to remove harmonics and improve signal purity. * **Pull-up Resistors:** Necessary for the SDA and SCL I2C lines (typically 4.7kΩ). --- ### 5. Application Example ```c // Pseudo-code example for I2C Channel Setting void set_channel(int channel_freq) { I2C_Start(); I2C_Write(0xCA); // Standard I2C address for MC44CC373 I2C_Write(highByte(channel_freq)); I2C_Write(lowByte(channel_freq)); I2C_Stop(); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C slave addresses used by the MC44CC373CAS?
    • ⤷ How do you switch between NTSC and PAL standards using this chip?
    • ⤷ What is the recommended crystal frequency for the internal PLL?