Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MC4580-P08-R

  • AI
    ## Technical Overview: MC4580-P08-R The **MC4580-P08-R** is a high-performance, low-noise dual operational amplifier (Op-Amp) manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed specifically for high-quality audio applications and precision signal processing. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Op-Amp Type** | Dual Operational Amplifier | | **Package Type** | SOP-8 (Surface Mount) | | **Operating Voltage** | ±2V to ±18V (Dual) / 4V to 36V (Single) | | **Gain Bandwidth Product** | 15 MHz (Typical) | | **Slew Rate** | 5 V/µs (Typical) | | **Input Noise Voltage** | 5 nV/√Hz | | **Output Drive Capability** | 600Ω / 10Vrms | | **Total Harmonic Distortion (THD)** | 0.0005% (Typical) | --- ### 2. Functional Characteristics * **Low Noise & Distortion:** The primary strength of this IC is its extremely low noise floor and harmonic distortion, making it ideal for "Hi-Fi" audio equipment. * **High Output Drive:** Unlike standard op-amps (like the LM358), the MC4580 can drive lower impedance loads (up to 600Ω) without significant signal degradation. * **Wide Bandwidth:** With a 15 MHz bandwidth, it handles high-frequency signals with high fidelity, ensuring minimal phase shift in the audible spectrum. --- ### 3. Pinout Configuration (SOP-8) | Pin Number | Symbol | Function | | :---: | :--- | :--- | | 1 | OUTPUT A | Output of first amplifier | | 2 | -INPUT A | Inverting input of first amplifier | | 3 | +INPUT A | Non-inverting input of first amplifier | | 4 | V- | Negative Power Supply / Ground | | 5 | +INPUT B | Non-inverting input of second amplifier | | 6 | -INPUT B | Inverting input of second amplifier | | 7 | OUTPUT B | Output of second amplifier | | 8 | V+ | Positive Power Supply | --- ### 4. Common Applications 1. **Audio Preamplifiers:** Used in mixing consoles and professional audio interfaces for clean signal amplification. 2. **Active Filters:** Excellent for high-order Butterworth or Linkwitz-Riley crossovers due to its high slew rate. 3. **Headphone Amplifiers:** Because of its 600Ω drive capability, it can power headphones directly in some circuit designs. 4. **Industrial Control:** Used in precision measurement instruments where low offset and noise are required. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MC4580 and the NE5532?
    • ⤷ Can the MC4580 be used in a single-supply 5V circuit?
    • ⤷ What is the thermal operating range for the MC4580-P08-R?