Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCB3JB33R0

  • AI
    Based on the part number provided, the **MCB3JB33R0** typically refers to a **Thick Film Chip Resistor** manufactured by companies like Multicomp (or similar electronic component distributors). Below is a detailed breakdown of the technical specifications and construction of this electronic part. ### 1. Component Overview The MCB3JB33R0 is a passive electronic component designed to resist the flow of electrical current. It is built using "Thick Film" technology, where a resistive paste is fired onto a ceramic substrate. --- ### 2. Technical Specifications The alphanumeric code follows a standard naming convention for resistors. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 33 $\Omega$ (Ohms) | Indicated by "33R0" | | **Tolerance** | ±5% (Standard) | The allowable variance from the rated resistance | | **Power Rating** | 3 Watts | The maximum power it can dissipate safely | | **Package / Case** | 2512 (Metric 6432) | Large SMD (Surface Mount Device) footprint | | **Temperature Coefficient** | ±100 ppm/°C to ±200 ppm/°C | Stability of resistance over temperature changes | | **Operating Temperature** | -55°C to +155°C | Standard industrial range | --- ### 3. Construction and Materials The "3J" in the part number often signifies the high power rating (3W) and the tolerance. 1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic base. 2. **Resistive Layer:** A mixture of metal oxides and glass (ruthenium oxide). 3. **Protective Coating:** An epoxy or glass layer to protect against moisture and mechanical damage. 4. **Terminations:** Usually matte tin (Sn) over a nickel (Ni) barrier to prevent leaching during soldering. --- ### 4. Typical Applications Due to its high power rating (3W) for a chip resistor, it is commonly used in: * **Power Supplies:** Current sensing and voltage division. * **Motor Controllers:** High-current feedback loops. * **Automotive Electronics:** Rugged environments requiring high heat dissipation. * **LED Drivers:** Limiting current to high-power LEDs. --- ### 5. Footprint Code (2512) The 2512 package is significantly larger than standard 0805 or 1206 resistors to allow for better heat management. ```text Dimensions (approximate): Length: 6.35 mm (0.25 in) Width: 3.20 mm (0.12 in) Height: 0.55 mm (0.02 in) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for a 3W 2512 resistor?
    • ⤷ How does thick film technology differ from thin film resistors?
    • ⤷ What are the recommended soldering profiles for 2512 SMD components?