Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCI18F-R33KA

  • AI
    The **MCI18F-R33KA** is a surface-mount power inductor, typically manufactured by companies like **Sumida** or **Taiyo Yuden**. It belongs to a class of miniature chip inductors used primarily for high-frequency applications and power management in compact electronics. --- ### 1. General Specifications The part number follows a standardized naming convention that describes its physical and electrical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (SMD) | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "K") | | **Case Size** | 1008 (Metric 2520) - 2.5mm x 2.0mm | | **Material Core** | Ferrite | --- ### 2. Breakdown of the Part Number Decoding the nomenclature provides specific details about its construction: * **MCI**: Series prefix (Multi-layer Chip Inductor or Molded Chip Inductor). * **18F**: Refers to the physical package size (typically 1.6mm x 0.8mm for some series, or a specific height profile). * **R33**: The inductance value. "R" acts as the decimal point ($0.33$). * **K**: Tolerance code ($K = \pm10\%$, $J = \pm5\%$, $M = \pm20\%$). * **A**: Packaging or internal revision code (e.g., Taping/Reel specification). --- ### 3. Electrical Characteristics While exact specs can vary slightly by manufacturer, a standard R33KA inductor typically features: * **DC Resistance (DCR):** Very low (usually in the range of 0.05 to 0.15 Ohms) to minimize power loss. * **Rated Current:** Typically between 500mA and 1200mA depending on the specific series thermal limits. * **Self-Resonant Frequency (SRF):** High frequency (often >200 MHz), making it suitable for RF decoupling. --- ### 4. Common Applications Due to its small footprint and $0.33\mu H$ value, this part is found in: 1. **DC-DC Converters:** Used in the output stage of high-switching frequency buck regulators. 2. **Mobile Devices:** Power rails for CPUs or GPUs in smartphones and tablets. 3. **EMI Suppression:** Filtering high-frequency noise in signal lines. 4. **Wearables:** Ideal for IoT devices where board space is extremely limited. --- ### 5. Equivalent/Alternative Parts If you are looking for replacements, ensure the footprint and Saturation Current ($I_{sat}$) match: * **Samsung:** CIG22 series. * **Murata:** LQM21 series. * **TDK:** MLP2520 series.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the MCI18F series?
    • ⤷ How does a ferrite core differ from a ceramic core in this inductor?
    • ⤷ What are the soldering profile requirements for this SMD part?