Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCI21F-R18KA

  • AI
    The **MCI21F-R18KA** is a surface-mount multilayer ceramic chip inductor, typically manufactured by companies like **Samsung Electro-Mechanics**. It is designed for high-frequency circuits where small size and high reliability are required. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the technical specifications: | Code Segment | Specification | Details | | :--- | :--- | :--- | | **MCI** | Series | Multilayer Chip Inductor | | **21** | Size (EIA) | 0805 (Metric 2012) | | **F** | Material Code | Material optimized for high-frequency application | | **R18** | Inductance Value | **0.18 μH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | | **A** | Termination/Packing | Standard terminal plating (usually Sn) | --- ### 2. Key Technical Specifications These components are characterized by their "Q factor" and resonant frequency, making them suitable for signal processing rather than power conversion. * **Inductance:** 0.18 µH (180 nH). * **Tolerance:** ±10%. * **Case Size:** 0805 (2.0mm x 1.25mm). * **DC Resistance (DCR):** Low resistance to minimize power loss. * **Self-Resonant Frequency (SRF):** High SRF ensures the part acts as an inductor over a wide frequency range. * **Operating Temperature:** Typically -55°C to +125°C. --- ### 3. Internal Construction The "Multilayer" aspect refers to how the part is built: 1. **Ceramic Body:** Thin layers of ceramic material are stacked. 2. **Internal Electrodes:** Silver (Ag) or similar conductive paste is printed in a spiral pattern on each layer. 3. **Vias:** Vertical connections connect the layers to form a continuous 3D coil inside the ceramic block. 4. **Termination:** The ends are plated with Nickel (Ni) and Tin (Sn) to allow for SMD soldering. --- ### 4. Common Applications Due to its 0.18 µH value and multilayer build, this part is found in: * **RF Matching Circuits:** Used in smartphones and Wi-Fi modules to match impedance. * **EMI Suppression:** Filtering high-frequency noise in signal lines. * **LC Filters:** Combining with capacitors to create band-pass or low-pass filters. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors?
    • ⤷ How does the 'Q factor' affect the performance of the MCI21F-R18KA?
    • ⤷ What is the maximum current rating (Irms) for this specific inductor size?