Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCI21F-R33KA

  • AI
    The **MCI21F-R33KA** is an electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. It is widely used in power management circuits, DC-DC converters, and decoupling applications. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Part Number Breakdown While naming conventions vary slightly by manufacturer (such as Taiyo Yuden or Mag.Layers), the code generally follows this structure: | Segment | Meaning | Description | | :--- | :--- | :--- | | **MCI** | Series Type | Multi-layer Chip Inductor (or Metal Core Inductor). | | **21** | Size Code | Dimensions (usually 2.0mm x 1.25mm / 0805 Imperial). | | **F** | Material/Char. | High-frequency or Ferrite material designation. | | **R33** | Inductance | **0.33 µH** (R denotes the decimal point). | | **K** | Tolerance | **±10%** (standard industry tolerance code). | | **A** | Packaging/Special | Internal factory code or packaging type (Tape & Reel). | --- ### 2. Technical Specifications The typical electrical parameters for a 0.33µH chip inductor in this series are as follows: * **Inductance:** 0.33 µH * **Tolerance:** ±10% * **DC Resistance (DCR):** Low (typically < 0.10 ohms) to minimize power loss. * **Rated Current:** Usually ranges between 500mA to 1200mA depending on the specific series height. * **Operating Temperature:** -40°C to +125°C. * **Self-Resonant Frequency (SRF):** High, making it suitable for high-frequency filtering. --- ### 3. Key Applications This component is designed for compact electronics where space is limited and power efficiency is critical: * **Mobile Devices:** Smartphones, tablets, and wearables for voltage regulation. * **Filtering:** Used in LC filters to remove noise from power lines. * **DC-DC Converters:** Buck or Boost converters in low-power IoT modules. * **High-Speed Signal Lines:** Decoupling EMI noise in high-speed digital circuits. --- ### 4. Layout and Handling * **Footprint:** Uses the standard **0805 (2012 Metric)** footprint. * **Soldering:** Compatible with standard Lead-Free Reflow soldering profiles. * **Magnetic Shielding:** These are often magnetically shielded to prevent electromagnetic interference (EMI) with neighboring components.
    ✨ Follow-up Questions
    • ⤷ What are the alternative components if the MCI21F-R33KA is out of stock?
    • ⤷ How does the DCR of this inductor affect the battery life of a mobile device?
    • ⤷ Can this inductor be used in high-power automotive applications?