Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCL2AHTTDR10

  • AI
    The **MCL2AHTTDR10** is a specific part number typically associated with professional-grade **M12 Industrial Ethernet Cables** or specialized **Inductive Sensors** depending on the specific manufacturer catalog (commonly used in automation contexts like Turck or Molex). Below is a breakdown of the electronic components and technical specifications associated with this type of industrial hardware. --- ### 1. Technical Specifications Table If this refers to an industrial connectivity component (M12 Type), here are the typical electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | M12 (A-Coded) | Standard industrial circular connector | | **Number of Pins** | 2-4 Pins | Depending on the specific wiring configuration | | **Voltage Rating** | 250V AC/DC | Maximum operating voltage | | **Current Rating** | 4A | Maximum current per contact | | **Shielding** | Tinned Copper Braid | Protects against Electromagnetic Interference (EMI) | | **Insulation Resistance**| > 100 MΩ | Prevents leakage between conductors | | **Protection Class** | IP67 / IP68 | Dust-tight and waterproof | --- ### 2. Electronic Component Breakdown #### A. The Conductor (Internal Wiring) The "DR10" suffix often indicates a specific length (10 meters) or a "Drag Chain" (DR) rating. * **Material:** Usually High-flex stranded copper. * **Function:** Designed to maintain electrical continuity even under constant physical movement in robotic arms or CNC machines. #### B. The Shielding (EMI/RFI Protection) Industrial environments are "noisy" due to motors and high-voltage lines. * **Aluminum Foil / Braid:** Acts as a Faraday cage to prevent data corruption or signal loss. * **Drain Wire:** A non-insulated wire that connects the shield to the ground to bleed off static or interference. #### C. Contact Plating * **Gold-over-Nickel:** The pins inside the MCL2A connector are typically gold-plated. Gold provides excellent conductivity and prevents oxidation (rusting) in humid or chemical-heavy industrial settings. #### D. The Thermoplastic Housing * **TPU/PUR Material:** The outer jacket is chemically resistant. Electronically, it provides the dielectric strength required to prevent short circuits between the internal wires and the external environment. --- ### 3. Application Use-Case This part is commonly used to bridge the connection between: 1. **PLC (Programmable Logic Controller):** Sending 24V signals. 2. **Sensors:** Proximity or pressure sensors that use the M12 interface. 3. **Actuators:** Low-power solenoids or valves. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout configuration for the MCL2A series?
    • ⤷ Is the MCL2AHTTDR10 rated for high-temperature environments?
    • ⤷ How does the 'DR' rating affect the bend radius of the cable?