Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSH18F104FCT

  • AI
    The **MCSH18F104FCT** is a high-performance **Multilayer Ceramic Chip Inductor (MLCI)**. These components are critical in high-frequency circuits where space is limited and signal integrity is paramount. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Below are the primary electrical and physical characteristics: | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 100 nH | Represented by "104" (10 x 10^4 nH / 0.1 µH) | | **Tolerance** | ±1% | Indicated by the "F" suffix | | **Case Size** | 0603 (EIA) / 1608 (Metric) | 1.6mm x 0.8mm | | **Material** | Ceramic | Multilayer structure for high-frequency stability | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ## 2. Key Internal Features Unlike wire-wound inductors, the **MCSH series** utilizes a screen-printing process of conductive patterns on ceramic layers. ### Construction Layers 1. **Ceramic Body:** Provides high insulation resistance and mechanical strength. 2. **Internal Electrodes:** A spiral-patterned silver (Ag) or copper (Cu) layer that creates the inductance. 3. **Terminal Electrodes:** Usually composed of an Ag base layer, a Nickel (Ni) barrier layer for heat resistance, and a Tin (Sn) plating for solderability. --- ## 3. Advantages and Applications ### Key Advantages * **High Q Factor:** Excellent performance at high frequencies with low losses. * **Tight Tolerance:** The 1% tolerance allows for precise tuning in RF circuits. * **Small Form Factor:** The 0603 size is ideal for high-density PCB designs. * **Magnetic Shielding:** The multilayer structure reduces electromagnetic interference (EMI) with neighboring components. ### Common Applications * **Mobile Communication:** Cell phones, Bluetooth modules, and Wi-Fi routers. * **RF Matching:** Used in matching circuits for antennas to ensure maximum power transfer. * **Decoupling:** Filtering high-frequency noise in power lines for sensitive ICs. * **LC Resonant Circuits:** Acting as the inductive element in oscillators. --- ## 4. Soldering and Handling Because this is a ceramic component, it is sensitive to **thermal shock**. * **Reflow Profile:** Should follow a standard Lead-Free (Pb-Free) reflow curve, typically peaking at **260°C**. * **Mechanical Stress:** Ceramic is brittle; avoid bending the PCB near the component to prevent "flex cracking."
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Idc) for the MCSH18F104FCT?
    • ⤷ How does a multilayer inductor compare to a wire-wound inductor in RF applications?
    • ⤷ What are the specific storage requirements to prevent oxidation of the terminals?