Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSO2

  • AI
    The **MCSO2** (Micro-Crystal Silicon Oscillator) series refers to a specific family of high-performance, radiation-hardened crystal oscillators. These are primarily designed for extreme environments, such as aerospace, medical implants, and down-hole drilling. --- ### 1. Technical Specifications The MCSO2 is a "Clock Oscillator" that integrates a quartz crystal blank with a CMOS-based integrated circuit. | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage** | 1.8V, 2.5V, 3.3V, or 5.0V | | **Operating Temperature** | -55°C to +125°C (Extended to +210°C for some models) | | **Output Type** | CMOS / TTL Compatible | | **Package Style** | SMD Ceramic (typically 5.0 x 3.2 mm) | --- ### 2. Key Electronic Components The internal architecture of an MCSO2 consists of three primary stages: #### A. The Quartz Crystal Blank * **Material:** High-quality synthetic quartz. * **Cut:** Usually an **AT-cut** for frequency stability across temperature ranges. * **Function:** Acts as the mechanical resonator that determines the base frequency through the piezoelectric effect. #### B. The Oscillator IC (ASIC) * **Inverter/Amplifier:** Provides the gain necessary to start and maintain oscillation. * **Feedback Network:** Includes internal capacitors (Load Capacitance) to ensure the circuit oscillates at the parallel resonance frequency. * **Output Buffer:** Isolates the oscillation stage from the external load to prevent frequency pulling and provide clean square waves. #### C. The Hermetic Ceramic Package * **Construction:** Gold-plated pads on a high-temperature co-fired ceramic (HTCC) base. * **Sealing:** Kovar lid seam-sealed under vacuum or nitrogen to prevent aging and environmental contamination. --- ### 3. Distinctive Electronic Characteristics Unlike standard commercial oscillators, the MCSO2 is engineered for "High-Rel" (High Reliability): 1. **Low Current Consumption:** Optimized for battery-powered space probes or medical devices. 2. **Radiation Hardness:** The internal IC is designed to withstand Total Ionizing Dose (TID) and Single Event Effects (SEE), which are common in space. 3. **Fast Start-up Time:** Usually under 5ms, allowing the system to wake up from "sleep mode" quickly to save power. --- ### 4. Typical Application Circuit In a digital circuit, the MCSO2 is a "Plug-and-Play" component requiring minimal external parts. ```markdown Vcc (3.3V) ----+-----------+ | | [0.1uF Capacitor] [MCSO2 Pin 4] | | GND -----------+-----------+ [MCSO2 Pin 2] [MCU Clock In] <----------- [MCSO2 Pin 3 (Output)] ``` *Note: The 0.1uF bypass capacitor is critical to filter high-frequency noise from the power supply.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MCSO2 and a standard MEMS oscillator?
    • ⤷ How does radiation hardening affect the electronic design of these oscillators?
    • ⤷ What are the common failure modes for crystal oscillators in high-temperature environments?