Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSO2E

  • AI
    The **MCSO2E** is a high-reliability, radiation-hardened crystal oscillator manufactured by **Microchip (formerly Vectron/Microsemi)**. It is specifically designed for space, aerospace, and defense applications where components must withstand extreme environments and vacuum conditions. --- ## 1. Core Technical Specifications The MCSO2E is a CMOS-based clock oscillator. Below are the key electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 10.0 kHz to 100.0 MHz | | **Supply Voltage ($V_{DD}$)** | 2.5V, 3.3V, or 5.0V (Variant dependent) | | **Output Logic** | CMOS / HCMOS | | **Package Type** | SMT (Surface Mount) Ceramic, 4-pads | | **Operating Temp Range** | -55°C to +125°C | | **Aging** | < ±2 ppm/year (at 25°C) | --- ## 2. Key Electronic Components & Internal Design The internal architecture of the MCSO2E consists of three primary functional blocks integrated into a hermetically sealed package: ### A. The Quartz Crystal Blank * **Material:** High-quality synthetic quartz. * **Function:** Acts as the piezoelectric resonator. The "E" in MCSO2E often denotes specific screening or enhanced stability levels. * **Cut:** Usually AT-cut or SC-cut depending on the frequency and thermal stability requirements. ### B. The ASIC (Application Specific Integrated Circuit) * **Oscillator Circuit:** A Pierce-type oscillator circuit that maintains the vibration of the crystal. * **Output Buffer:** A CMOS driver that ensures the signal can drive the required load (typically 15pF) without degrading the waveform. * **Trimming:** Internal capacitors are used to fine-tune the frequency during the manufacturing process. ### C. The Package (Enclosure) * **Material:** Alumina ($Al_2O_3$) Ceramic. * **Sealing:** Kovar lid, gold-plated, seam-welded to provide a vacuum-tight environment. This prevents oxidation of the crystal electrodes and ensures long-term frequency stability in space. --- ## 3. Radiation Hardening Features What distinguishes the MCSO2E from commercial oscillators are the electronic protections against space radiation: 1. **TID (Total Ionizing Dose):** Designed to withstand up to 100 kRad or more, ensuring the CMOS logic doesn't shift its threshold voltage over time. 2. **SEL (Single Event Latch-up):** The circuitry is immune to latch-up (a type of short circuit caused by heavy ions) up to high LET (Linear Energy Transfer) levels. 3. **Low Outgassing:** The materials used do not release gases in a vacuum, which could otherwise contaminate sensitive optical equipment on a satellite. --- ## 4. Pin Configuration The MCSO2E typically uses a standard 4-pad layout: | Pad # | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tristate) or No Connection | | **2** | GND | Ground / Case | | **3** | Output | Frequency Signal Output | | **4** | $V_{DD}$ | Positive Supply Voltage | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MCSO2E and standard industrial oscillators?
    • ⤷ How does the Enable/Disable function work in this specific model?
    • ⤷ What are the specific radiation test standards (e.g.
    • ⤷ MIL-PRF-55310) applied to this part?