Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSO2E/DE

  • AI
    The **MCSO2E** and **MCSO2DE** are high-reliability, radiation-hardened crystal oscillators manufactured by **Microchip (formerly Vectron/Microsemi)**. These components are specifically designed for space applications, satellite communications, and aerospace environments where extreme temperature and radiation tolerance are required. --- ### 1. Overview of Parts The "MCSO2" series stands for **Miniature Crystal Space Oscillator**. The distinction between the "E" and "DE" versions typically relates to their output logic and electrical configurations. | Feature | MCSO2E | MCSO2DE | | :--- | :--- | :--- | | **Output Type** | CMOS / HC-MOS | Differential (LVDS) | | **Frequency Range** | 10 kHz to 100 MHz | 10 MHz to 100 MHz | | **Supply Voltage** | 3.3V or 5.0V | 2.5V or 3.3V | | **Application** | Standard digital clocking | High-speed, low-noise data paths | --- ### 2. Key Electronic Characteristics #### A. Radiation Hardness These parts are built to withstand the harsh environment of space. * **TID (Total Ionizing Dose):** Typically rated up to 100 kRad (Si). * **SEL (Single Event Latch-up):** Immune up to high LET (Linear Energy Transfer) levels (typically > 80 MeV·cm²/mg). #### B. Precision and Stability The core of the component is a high-quality quartz crystal. * **Aging:** Very low aging rates (e.g., ±1 ppm to ±3 ppm per year). * **Temperature Stability:** Maintains high precision across the military temperature range (**-55°C to +125°C**). #### C. Physical Construction * **Package:** Usually housed in a hermetically sealed ceramic J-lead or flat-pack package. * **Miniaturization:** Designed to save board space compared to traditional legacy space oscillators. --- ### 3. Pin Configuration (Typical) While specific pinouts depend on the exact package (e.g., 4-pad or 6-pad), the general electrical interface includes: | Pin Name | Function | Description | | :--- | :--- | :--- | | **Vcc / Vdd** | Supply Voltage | Power input (e.g., 3.3V). | | **GND** | Ground | Case and circuit ground. | | **Output** | Clock Signal | The main frequency output. | | **E/D** | Enable/Disable | Allows the oscillator to be turned off to save power. | --- ### 4. Comparison: Single-Ended vs. Differential The primary choice between the **E** and **DE** models depends on your system architecture: * **MCSO2E (CMOS):** Best for general-purpose microcontrollers and FPGAs where trace lengths are short. It uses less power but is more susceptible to Electromagnetic Interference (EMI). * **MCSO2DE (LVDS):** Uses differential signaling. This is ideal for high-frequency applications because it cancels out common-mode noise and generates significantly less EMI, which is critical in sensitive satellite payloads. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific radiation testing standards used for MCSO2E components?
    • ⤷ How does the power consumption differ between the CMOS and LVDS versions?
    • ⤷ What are the common alternatives to the MCSO2 series for NewSpace applications?