Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSO2F

  • AI
    The **MCSO2F** series represents a specialized line of **High-Reliability Crystal Oscillators** manufactured by companies like *Micro Crystal AG*. These components are specifically engineered for medical, aerospace, and high-temperature industrial applications. --- ## 1. Core Technical Specifications The MCSO2F is a clock oscillator that combines a quartz crystal blank with a CMOS-based integrated circuit inside a hermetically sealed package. | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage** | 1.8V, 2.5V, 3.3V, or 5.0V | | **Package Size** | 5.0 x 3.2 mm (Ceramic SMT) | | **Operating Temp** | -55°C to +125°C (Up to +210°C for specific versions) | | **Output Type** | CMOS / HC-CMOS | --- ## 2. Key Electronic Characteristics ### A. Low Power Consumption The internal circuitry is optimized for low current draw, making it suitable for battery-operated medical implants or remote sensing equipment. ### B. High Stability and Precision Unlike standard consumer-grade oscillators, the MCSO2F offers tight frequency stability (often ±20 ppm to ±100 ppm) across extreme temperature gradients. ### C. Mechanical Durability * **Shock Resistance:** Designed to withstand high-G forces (up to 5000g or more). * **Vibration Resistance:** High immunity to mechanical resonance, crucial for aerospace telemetry. --- ## 3. Pin Configuration (4-Pad SMT) The device typically follows a standard industry footprint for 5032 size oscillators: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tristate) or No Connection | | **2** | VSS | Ground | | **3** | Fout | Frequency Output Signal | | **4** | VDD | Supply Voltage | --- ## 4. Common Applications Due to its "High-Rel" (High Reliability) classification, you will find the MCSO2F in: 1. **Medical Technology:** Pacemakers, neurostimulators, and diagnostic imaging. 2. **Downhole Drilling:** Sensors used in oil and gas exploration where temperatures exceed 150°C. 3. **Avionics:** Flight control systems and cockpit instrumentation. --- ## 5. Typical Implementation Circuit To ensure signal integrity, a decoupling capacitor is mandatory between VDD and VSS. ```c // Schematic Representation [Power Rail] ----+---- [Pin 4: VDD] | [Capacitor 0.1uF] | [Ground] --------+---- [Pin 2: VSS] [Output Load] <------- [Pin 3: Fout] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MCSO2F and standard XO oscillators?
    • ⤷ How does the 'Enable/Disable' function impact power consumption?
    • ⤷ What are the specific storage requirements for these high-reliability components?