Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSO2FW

  • AI
    The **MCSO2FW** is a high-reliability, military-grade crystal oscillator manufactured by **Micro Crystal**. It is specifically designed for harsh environments and is widely used in aerospace, defense, and down-hole applications. --- ## 1. Technical Specifications The MCSO2FW is a "Clock Oscillator" that integrates a quartz crystal and an oscillation circuit into a single package. | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage** | 1.8V, 2.5V, 3.3V, or 5.0V | | **Operating Temperature** | -55°C to +125°C (Standard) / up to +210°C (High Temp) | | **Output Waveform** | CMOS / HC-MOS | | **Package Type** | Ceramic SMD (Small Metal Can) | | **Aging** | ±3 ppm (first year) | --- ## 2. Key Electronic Components & Internal Architecture Inside the ceramic package, the MCSO2FW consists of several critical layers and parts: ### A. Quartz Crystal Blank The heart of the component is a high-precision, AT-cut quartz crystal. It provides the mechanical resonance required to generate a stable frequency. In the "FW" series, this blank is specifically mounted to withstand extreme vibration. ### B. CMOS Integrated Circuit (ASIC) The internal silicon chip contains: * **The Oscillator Circuit:** Maintains the oscillation of the crystal. * **Output Buffers:** Ensures the signal is strong enough to drive external loads (typically 15pF). * **Trimming Circuit:** Allows the manufacturer to fine-tune the frequency during production. ### C. Ceramic Package (Base & Lid) * **Material:** High-quality Alumina ($Al_2O_3$). * **Sealing:** Kovar lid with gold-plating, hermetically sealed via seam welding to prevent moisture or gas ingress. --- ## 3. Notable Features 1. **Low Current Consumption:** Optimized for battery-powered military equipment. 2. **Radiation Hardness:** Some variants are designed to be "Rad-Hard" for satellite applications. 3. **Shock/Vibration Resistance:** Capable of withstanding shocks up to 10,000g and high-frequency vibration. --- ## 4. Pin Configuration The MCSO2FW typically uses a 4-pad layout: | Pad # | Function | Description | | :--- | :--- | :--- | | 1 | E/D or NC | Enable/Disable (Tristate) or No Connection | | 2 | GND | Ground Connection | | 3 | Fout | Frequency Output Signal | | 4 | Vdd | Power Supply Voltage |
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the MCSO2FW and standard commercial oscillators?
    • ⤷ How does the 'Enable/Disable' function impact power consumption in this part?
    • ⤷ What are the specific soldering requirements for the MCSO2FW ceramic package?