Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSO2Z

  • AI
    ## MCSO2Z: Military/High-Reliability Clock Oscillator The **MCSO2Z** is a specialized electronic component primarily categorized as a **High-Stability CMOS Clock Oscillator**. It is manufactured by companies like *Microchip (formerly Vectron/Microsemi)* and is designed for extreme environments, particularly for military, aerospace, and down-hole applications. --- ### 1. Technical Specifications The "Z" in the series often denotes specific enhancement or a variant in the high-reliability line. Below are the typical technical parameters: | Parameter | Specification | |:---|:---| | **Frequency Range** | 10 kHz to 100 MHz (typical) | | **Supply Voltage** | 3.3V or 5.0V | | **Output Type** | CMOS / TTL compatible | | **Operating Temp** | -55°C to +125°C (Military Grade) | | **Package Style** | Ceramic LCC (Leadless Chip Carrier) | | **Aging** | < 3 ppm in the first year | --- ### 2. Key Electronic Features 1. **High Shock & Vibration Resistance**: * Unlike standard commercial oscillators, the MCSO2Z is built to withstand mechanical shocks up to **1500g** and high-frequency vibrations. This is achieved through robust internal mounting of the quartz crystal. 2. **Low Power Consumption**: * The CMOS circuitry is optimized for low current draw, making it suitable for battery-operated field equipment or satellite systems where power budgets are tight. 3. **Radiation Hardening (Optional)**: * In many MCSO variants, the "Z" or specific suffixes indicate a level of radiation tolerance (TID - Total Ionizing Dose), essential for space-bound electronics. 4. **Hermetic Sealing**: * The ceramic package is vacuum-sealed or filled with inert gas to prevent oxidation and ensure long-term stability over decades. --- ### 3. Internal Block Diagram Internally, the MCSO2Z consists of three main stages: * **The Resonator**: A high-precision AT-cut quartz crystal. * **The Oscillator Circuit**: An analog feedback loop that maintains the oscillation. * **The Output Buffer**: A CMOS stage that squares the wave and provides the drive strength needed for the rest of the PCB. ```mermaid graph LR A[Quartz Crystal] --> B[Oscillation Circuit] B --> C[CMOS Output Buffer] C --> D[System Clock Signal] ``` --- ### 4. Typical Applications Due to its high cost and high reliability, it is rarely found in consumer electronics. Instead, it is used in: * **Defense**: Missile guidance systems and secure radio communications. * **Aerospace**: Avionics and satellite telemetry. * **Industrial**: Deep-sea drilling sensors where temperatures exceed standard limits.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the MCSO2Z and a standard MEMS oscillator?
    • ⤷ How does temperature compensation work in high-reliability oscillators?
    • ⤷ What specific testing standards (e.g.
    • ⤷ MIL-PRF-55310) does the MCSO2Z meet?