Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MCSP2425CS

  • AI
    The **MCSP2425CS** is a specific model within the **MCS Series** of Solid State Relays (SSRs) manufactured by **Crydom** (now a brand of Sensata Technologies). This component is a "Soft Start/Stop" microprocessor-based controller designed for AC loads. --- ## 1. Core Component Overview The MCSP2425CS is essentially a **Microprocessor Controlled Softstart / Softstop Relay**. Unlike a traditional relay that snaps on and off, this device ramps the voltage up and down to protect sensitive equipment. | Specification | Details | | :--- | :--- | | **Operating Voltage** | 150-280 VAC | | **Load Current** | 25 Amps | | **Control Voltage** | 8-32 VDC | | **Switching Type** | Phase Control (Soft Start/Stop) | | **Output Type** | SCR (Silicon Controlled Rectifier) | --- ## 2. Key Electronic Features ### A. Phase Angle Control The device uses a microprocessor to calculate the **phase angle** of the AC sine wave. By triggering the internal SCRs at specific points in the cycle, it increases the RMS voltage gradually from 0% to 100%. ### B. Soft Start/Stop Logic The "CS" suffix indicates specific timing logic: * **Soft Start:** When control voltage is applied, the output ramps up over a pre-defined period (adjustable via the internal onboard potentiometer). * **Soft Stop:** When control voltage is removed, the voltage ramps down rather than cutting out instantly. ### C. Internal SCR Output It utilizes dual **SCRs** (Silicon Controlled Rectifiers) in an anti-parallel configuration. This allows the device to handle high inductive loads and provides better thermal performance and $dv/dt$ (change in voltage over time) stability compared to Triacs. --- ## 3. Terminal Configuration The MCSP2425CS typically features four main connection points: | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | AC Load | Connected in series with the AC power source and the device (motor/lamp). | | **3 (+)** | Control Input | Positive DC signal (8-32V) to initiate the ramp. | | **4 (-)** | Control Ground | Negative/Common for the DC signal. | --- ## 4. Typical Applications * **Lighting:** Preventing "in-rush" current in high-wattage incandescent lamps to extend bulb life. * **Motors:** Reducing mechanical stress on conveyors or pumps by avoiding sudden torque spikes. * **Heating Elements:** Controlling thermal expansion stresses in industrial ovens. ---
    ✨ Follow-up Questions
    • ⤷ How do you adjust the ramp-up time on an MCSP series relay?
    • ⤷ What is the difference between the 'CS' and 'BM' suffixes in Crydom SSRs?
    • ⤷ Does the MCSP2425CS require an external heatsink for 25A operation?