Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MD030-R

  • AI
    The **MD030-R** is a specific electronic component often categorized as a **Magnetic Position Sensor** or a **Magnetic Encoder Module**, frequently used in robotics and industrial automation for high-precision motion control. --- ### 1. Technical Specifications Below are the typical electronic characteristics found in the MD030-R series: | Parameter | Description | | :--- | :--- | | **Input Voltage** | Typically 3.3V to 5.0V DC | | **Interface** | Digital (often PWM, SPI, or I2C) | | **Resolution** | 12-bit to 14-bit (depending on the specific IC variant) | | **Sensing Type** | Contactless Magnetic (Hall Effect) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Electronic Components The module is comprised of several critical electronic sub-parts: 1. **Magnetic Sensor IC:** The "brain" of the module. It uses a Hall Effect array to detect the orientation of a magnetic field from a nearby rotating magnet. 2. **Signal Processing Unit:** An onboard Analog-to-Digital Converter (ADC) that translates raw magnetic flux data into a digital angle value. 3. **Passive Components:** * **Decoupling Capacitors:** Small SMD capacitors (usually 0.1uF) to filter noise from the power supply. * **Pull-up Resistors:** Required for I2C or SPI communication stability. 4. **PCB Interface:** Gold-plated pads or pins for soldering or connecting to a microcontroller (like Arduino, STM32, or ESP32). --- ### 3. Functional Operation * **Non-Contact Sensing:** Because it uses magnetism, there is no mechanical wear, making it much more durable than traditional potentiometers. * **Absolute Position:** It can determine the exact angle (0-360°) immediately upon power-up without needing to "home" the motor. ### 4. Application Areas * **Brushless DC Motors (BLDC):** For commutation and feedback. * **Robotic Joints:** To monitor the precise angle of a limb. * **Steering Systems:** In RC vehicles or AGVs (Automated Guided Vehicles). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MD030-R module?
    • ⤷ How do I interface the MD030-R with an Arduino using SPI?
    • ⤷ What type of magnet is recommended for use with this sensor?