Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MDA-15-R

  • AI
    The **MDA-15-R** is a specific model of high-performance fuse manufactured by **Eaton (Bussmann Series)**. It is widely used in industrial and consumer electronics to protect circuits from overcurrent and short-circuit conditions. --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the MDA-15-R: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 15 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Fuse Type** | Ceramic Tube | | **Response Characteristic** | Time-Delay (Slo-Blo) | | **Physical Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Interrupt Rating** | 1500A @ 250VAC | | **Material** | Ceramic body, Nickel-plated brass endcaps | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Key Features & Electronic Properties ### A. Time-Delay (Slow-Blow) Mechanism Unlike "Fast-Acting" fuses, the MDA-15-R is designed to withstand temporary surges or "inrush currents." This is crucial for devices like motors or large power supplies that draw a high amount of current for a fraction of a second when first turned on. The fuse will only blow if the overcurrent persists. ### B. Ceramic Construction The use of **ceramic** instead of glass allows the fuse to have a higher interrupting rating. Ceramic can withstand much higher internal pressures and temperatures during a catastrophic failure (short circuit), preventing the fuse housing from shattering. ### C. The "-R" Suffix In the Eaton/Bussmann catalog, the **-R** indicates that the component is fully compliant with **RoHS (Restriction of Hazardous Substances)**, meaning it is lead-free and environmentally friendly according to global standards. --- ## 3. Common Applications The MDA-15-R is typically found in environments where heavy-duty protection is required in a small form factor: * **Industrial Control Panels:** Protecting PLC outputs and small motors. * **Power Supplies:** Serving as the main input protection for high-wattage AC/DC converters. * **HVAC Systems:** Protecting fan motors and compressor circuits. * **Appliances:** Used in microwaves and high-draw kitchen equipment. --- ## 4. Comparison: Ceramic vs. Glass (MDA vs. MDL) It is common to compare the **MDA** series (Ceramic) with the **MDL** series (Glass). ```yaml Comparison: MDA-15-R (Ceramic): - High Interrupting Rating (1500A) - Opaque (cannot see if blown) - Better for high-power industrial use MDL-15-R (Glass): - Lower Interrupting Rating - Transparent (easy visual inspection) - Better for light consumer electronics ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MDA and an MDL fuse in terms of safety?
    • ⤷ Can I replace a 15A fast-acting fuse with an MDA-15-R?
    • ⤷ What are the mounting options for a 1/4\ x 1-1/4\ fuse?