Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MDA-6-R

  • AI
    ## Technical Overview of the MDA-6-R The **MDA-6-R** is a high-performance, time-delay (slow-blow) fuse manufactured by **Eaton (Bussmann Series)**. It is specifically designed for applications that require a robust fuse capable of handling temporary power surges without blowing, while still protecting sensitive electronic components. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | MDA-6-R | | **Current Rating** | 6 Amperes (6A) | | **Voltage Rating (AC)** | 250 VAC | | **Fuse Type** | Ceramic Tube, Time-Delay (Slow-Blow) | | **Physical Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Interrupting Rating** | 200A at 250VAC / 10,000A at 125VAC | | **Material** | Ceramic Body, Nickel-plated Brass Endcaps | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Functional Characteristics * **Time-Delay (Slow-Blow):** Unlike "fast-acting" fuses, the MDA-6-R has a built-in thermal delay. This allows it to withstand high "inrush" currents (common when starting motors or turning on power supplies) for a short period without opening the circuit. * **Ceramic Construction:** The use of a ceramic body instead of glass allows for a higher "interrupting rating." Ceramic fuses can safely handle higher energy faults and are less likely to shatter under extreme short-circuit conditions. * **Arc Quenching:** Many MDA series fuses are filled with a granular material (like sand) to help quench the internal arc and dissipate heat more effectively during a blowout. --- ### 3. Common Applications The MDA-6-R is typically used in industrial and high-reliability environments: 1. **Power Supplies:** Protecting the input stage where capacitors cause a momentary current spike. 2. **Electric Motors:** Handling the high torque start-up current. 3. **Industrial Control Panels:** Protecting PLC outputs and control transformers. 4. **Amplifiers:** Protecting high-power audio equipment. --- ### 4. Part Number Breakdown To understand the variant nomenclature: * **MDA:** The series designation (Ceramic, Time-delay). * **6:** The current rating in Amperes. * **-R:** Indicates "RoHS Compliant" (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MDA (ceramic) and an MDL (glass) fuse of the same rating?
    • ⤷ Can I replace a fast-acting 6A fuse with this MDA-6-R slow-blow fuse?
    • ⤷ What happens if the interrupting rating of a fuse is exceeded during a short circuit?