Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MDA-8-R

  • AI
    The **MDA-8-R** is a specific electronic component within the fuse category, manufactured by **Eaton (Bussmann Series)**. It is a high-performance, time-delay ceramic tube fuse designed for various industrial and consumer electronic applications. --- ### 1. Technical Specifications The part number "MDA-8-R" can be broken down to understand its primary characteristics: | Feature | Specification | Details | | :--- | :--- | :--- | | **Series** | MDA | Time-delay, ceramic tube construction | | **Amperage Rating** | 8 Amps | Maximum continuous current | | **Voltage Rating** | 250 VAC | Rated for high voltage AC circuits | | **Material** | Ceramic | Higher breaking capacity than glass | | **Response Time** | Time-Delay (Slow Blow) | Allows for temporary surges/inrush current | | **RoHS Compliant** | "-R" Suffix | Lead-free and environmentally friendly | --- ### 2. Key Electronic Characteristics #### A. Time-Delay (Slow-Blow) Functionality Unlike "Fast-Acting" fuses, the MDA-8-R is designed to withstand short-duration high current surges (inrush current). This is crucial for devices that use **inductive loads** like motors or transformers, which draw significantly more power at startup than during normal operation. #### B. Ceramic Construction The use of a ceramic tube instead of glass allows the fuse to handle higher temperatures and higher **Interrupting Ratings**. * **Interrupting Rating:** Usually 200A at 250VAC or 10,000A at 125VAC. * **Safety:** Ceramic is less likely to shatter under extreme short-circuit conditions. #### C. Physical Dimensions The MDA series follows the standard North American small-dimension size: * **Diameter:** 1/4 inch (6.35 mm) * **Length:** 1-1/4 inch (31.75 mm) --- ### 3. Typical Applications The MDA-8-R is commonly found in circuits where high-power components are present: * **Power Supplies:** Protecting the input stage from spikes. * **Industrial Control Panels:** Protecting PLC outputs and motor starters. * **HVAC Systems:** Used in fan motors and compressors. * **Consumer Appliances:** Microwave ovens and large audio amplifiers. --- ### 4. Comparison Table: MDA vs. AGC It is common to confuse MDA fuses with AGC fuses. Below is the technical distinction: | Feature | MDA-8-R (Ceramic) | AGC-8-R (Glass) | | :--- | :--- | :--- | | **Body Material** | Ceramic (Opaque) | Glass (Transparent) | | **Visual Check** | Requires Multimeter | Can see if filament is broken | | **Breaking Capacity** | High | Low | | **Best Use** | Heavy industrial/Inductive loads | General purpose electronics |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MDA fuse and an MDQ fuse?
    • ⤷ How do I test if an MDA-8-R fuse is blown using a multimeter?
    • ⤷ Can I replace a glass AGC-8 fuse with a ceramic MDA-8-R?