Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MDL-12-R

  • AI
    ## Overview of the MDL-12-R The **MDL-12-R** is a specific model of a **Time-Delay Glass Tube Fuse**, typically manufactured by Eaton (Bussmann Series). It is part of the MDL series, which is widely used in electronic circuits to protect components from overcurrent conditions. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | MDL-12-R | | **Current Rating** | 12 Amperes (12A) | | **Voltage Rating** | 32V AC / 250V AC (Application dependent) | | **Fuse Type** | Time-Delay (Slow-Blow) | | **Material** | Glass Tube with Nickel-plated Brass Endcaps | | **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### Key Electronic Characteristics #### 1. Time-Delay (Slow-Blow) Mechanism Unlike "Fast-Acting" fuses, the MDL-12-R is designed to withstand temporary surges or "in-rush" currents. * **Why it's used:** It allows for a momentary spike in current (common in motors or power supplies during startup) without blowing. * **How it works:** It uses a spring-loaded or thicker filament that takes longer to heat up and melt compared to a standard fuse. #### 2. The "-R" Suffix In the Bussmann nomenclature, the **-R** stands for **RoHS compliance**. This means the part is manufactured without hazardous substances like lead, making it suitable for modern environmental standards and international shipping. #### 3. Interrupting Rating This refers to the maximum current the fuse can safely stop without physically exploding or arcing. For the MDL-12-R, this is typically: * **10,000A** at 125V AC * **200A** at 250V AC --- ### Common Applications * **Consumer Electronics:** Power supplies for large appliances. * **Industrial Equipment:** Control circuits and small motors. * **Automotive:** Heavy-duty accessory circuits that experience initial surges. ### Comparison: MDL vs. AGC It is common to confuse the **MDL** series with the **AGC** series. * **MDL (Slow-Blow):** Best for inductive loads (motors, transformers). * **AGC (Fast-Acting):** Best for resistive loads (lights, basic electronic circuits) where any surge could cause damage. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a time-delay fuse and a fast-acting fuse in a circuit?
    • ⤷ Can I replace an MDL-12-R with a fuse of a lower voltage rating if the current is the same?
    • ⤷ How do I test if an MDL-12-R fuse is blown using a multimeter?