Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MDL-20-R

  • AI
    The **MDL-20-R** is a specific type of professional-grade **LED Dimming Driver** (often associated with brands like Magnitude Lighting). It is designed to convert high-voltage AC power into low-voltage DC power suitable for LED strips and fixtures, while allowing for smooth dimming. --- ## Technical Specifications The following table summarizes the key electrical characteristics typically found in the MDL-20-R series: | Component / Feature | Specification | | :--- | :--- | | **Input Voltage** | 120V AC, 60Hz | | **Output Voltage** | 12V or 24V DC (Model dependent) | | **Max Wattage** | 20 Watts | | **Dimming Type** | Phase-cut (Triac) / MLV Compatible | | **Enclosure Material** | Anodized Aluminum / Metal | | **Efficiency** | > 90% | | **Protection Rating** | IP67 (Usually Waterproof/Outdoor rated) | --- ### Core Electronic Components The internal circuitry of the MDL-20-R consists of several critical stages: 1. **EMI Filter:** Reduces electromagnetic interference to prevent the device from affecting other electronics in the house. 2. **Rectifier & PFC Stage:** Converts the incoming AC sine wave to a pulsating DC signal and ensures Power Factor Correction (PFC) for energy efficiency. 3. **Step-Down Transformer:** An isolated high-frequency transformer that safely lowers the voltage from 120V to the 12V/24V output level. 4. **Dimming Control IC:** The "brain" that interprets the chopped AC wave from a wall dimmer and adjusts the Pulse Width Modulation (PWM) or output current to dim the LEDs without flickering. 5. **Thermal & Overload Protection:** Auto-reset circuit breakers that shut the unit down if it exceeds its 20W capacity or becomes too hot. --- ### Wiring Configuration The unit typically features two distinct sets of wires: * **Primary (Input):** Black (Live) and White (Neutral) wires for connection to the 120V AC source. * **Secondary (Output):** Red (Positive) and Black (Negative) wires for connection to the LED load. --- ### Key Features for Installation * **Flicker-Free Performance:** The internal capacitors and ICs are tuned to provide smooth dimming down to 1%. * **Compact Form Factor:** Its slim profile allows it to be hidden inside small junction boxes or behind cabinets. * **Class 2 Rating:** This ensures the device meets safety standards for limited power output, reducing the risk of fire or electric shock.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 12V and 24V versions of the MDL-20-R?
    • ⤷ Can I use a standard Lutron wall dimmer with this driver?
    • ⤷ How do I calculate if 20W is enough for my LED strip installation?