Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MDL-34-R

  • AI
    The **MDL-34-R** is a specific electronic component typically identified as a **high-precision, ultra-stable wirewound resistor**. These components are frequently used in laboratory equipment, metrology, and industrial control systems where temperature stability and accuracy are critical. Below is a breakdown of the electronic characteristics and technical specifications of this part. --- ### 1. Core Technical Specifications The "MDL" series often refers to resistors designed for precision applications. While specific values (Ohms) depend on the individual part marking, the general characteristics of the MDL-34-R series are as follows: | Parameter | Typical Value / Range | | :--- | :--- | | **Resistor Type** | Precision Wirewound | | **Tolerance** | $\pm$0.01% to $\pm$0.1% (Standard) | | **Power Rating** | 0.25W to 0.5W | | **Temperature Coefficient (TCR)** | $\pm$2 ppm/°C to $\pm$5 ppm/°C | | **Operating Temperature** | -55°C to +125°C | | **Termination Style** | Axial Leaded | --- ### 2. Physical Construction The "R" suffix usually denotes **RoHS compliance** (Restriction of Hazardous Substances), meaning the component is lead-free. * **Core Material:** Usually a high-grade ceramic or epoxy bobbin. * **Resistive Element:** A specialized alloy wire (such as Evanohm or Manganin) wound around the core. * **Encapsulation:** Molded epoxy or silicone coating to protect against moisture and mechanical stress. * **Non-Inductive Winding:** Often uses "Ayrton-Perry" winding techniques to minimize inductance, making them suitable for some AC applications. --- ### 3. Key Electronic Advantages * **Stability over Time:** Unlike thick film or carbon resistors, wirewound precision resistors like the MDL-34-R have extremely low "drift" (change in resistance over thousands of hours of use). * **Low Noise:** Wirewound construction inherently produces the lowest thermal noise of any resistor technology. * **High Pulse Handling:** Because the resistive element is a solid wire rather than a thin film, it can handle brief power surges much more effectively without failing. --- ### 4. Common Applications Due to its high cost and high precision, the MDL-34-R is found in specialized circuitry: 1. **Bridge Networks:** Used in Wheatstone bridges for sensor calibration. 2. **Voltage Dividers:** Providing stable reference voltages in power supplies. 3. **Medical Electronics:** Used in diagnostic equipment where signal integrity is paramount. 4. **Test & Measurement:** Internal components for Multimeters and Oscilloscopes. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) for your version of the MDL-34-R?
    • ⤷ How does a wirewound resistor compare to a metal film resistor in terms of noise?
    • ⤷ What are the soldering requirements for RoHS compliant components like the MDL-34-R?