ME11XAD-R
AI

The **ME11XAD-R** is an industrial-grade, ultra-compact embedded computing module, typically part of the **Aureon** or specialized industrial PC (IPC) series. It is designed for space-constrained environments requiring high-performance processing and robust connectivity.
---
## 1. Core Technical Specifications
The following table outlines the primary electronic components and hardware capabilities of the ME11XAD-R:
| Component | Specification | Details |
| :--- | :--- | :--- |
| **Processor (CPU)** | Intel® Core™ i-Series / Celeron® | Usually supports 11th Gen (Tiger Lake) UP3 processors. |
| **Memory (RAM)** | DDR4 SO-DIMM | Supports up to 32GB/64GB (Non-ECC). |
| **Graphics** | Intel® Iris® Xe Graphics | Integrated UHD graphics for multi-display output. |
| **Storage** | M.2 Key-M / SATA | Supports NVMe SSDs for high-speed data access. |
| **Connectivity** | Ethernet, USB, COM | Dual GbE LAN ports, USB 3.2, and RS-232/422/485. |
| **Form Factor** | 3.5" Single Board Computer | Compact dimensions for embedded enclosures. |
---
## 2. Key Electronic Features
### A. Power Management
* **Wide Voltage Input:** Designed to handle fluctuating industrial power supplies (typically 12V to 24V DC).
* **Protection Circuits:** Includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP) to prevent damage to internal logic boards.
### B. Thermal Design
* **Passive vs. Active Cooling:** Depending on the specific chassis integration, it utilizes high-efficiency heat sinks. The "R" suffix often denotes a ruggedized or revised thermal layout for better heat dissipation in sealed environments.
### C. Expansion Slots
The board utilizes M.2 expansion technology to minimize physical footprint:
1. **M.2 Key-E:** For Wireless modules (Wi-Fi/Bluetooth).
2. **M.2 Key-B:** For 4G/5G cellular modules or additional storage.
---
## 3. Common Use Cases
Due to its electronic architecture, the ME11XAD-R is commonly found in:
* **Edge AI Computing:** Using the Iris Xe execution units for light machine learning tasks.
* **Digital Signage:** Supporting up to 4K resolution across multiple displays.
* **Industrial Automation:** Acting as a controller for PLC communication and sensor data aggregation.
- ⤷
What are the specific power requirements for the ME11XAD-R?
- ⤷ Does this model support 5G connectivity via expansion slots?
- ⤷ What is the operating temperature range for the ME11XAD-R?