Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME12XAG-R

  • AI
    The **ME12XAG-R** belongs to the **ME series** of micro-motors, typically manufactured by companies like MinebeaMitsumi (Nidec/Copals are similar). These are high-precision, small-form-factor DC motors often used in lens actuation, medical devices, or portable electronics. --- ### 1. General Specifications The "ME12" prefix usually denotes a **12mm diameter** motor body. These parts are engineered for applications requiring high torque in a restricted space. | Feature | Description | | :--- | :--- | | **Motor Type** | Permanent Magnet DC (PMDC) or Coreless Motor | | **Diameter** | 12 mm | | **Input Voltage** | Typically 3.0V to 6.0V DC (varies by winding) | | **Commutation** | Precious metal brush (Gold/Silver alloy) | | **Shaft Style** | Usually customized (D-cut or round) | ### 2. Electronic Characteristics To integrate the ME12XAG-R into a circuit, you must consider its electromechanical properties: * **Coil Resistance:** Typically low (10-50 ohms), allowing for high peak currents during startup. * **No-load Speed:** High RPM (often 8,000 to 15,000 RPM) depending on the specific voltage rating. * **Stall Torque:** Significant for its size, but prolonged stalling will burn the internal brushes or windings. * **Back-EMF:** Because it is a brush motor, it generates electrical noise; decoupling capacitors (0.1µF) are often soldered across the terminals. ### 3. Connection and Control The ME12XAG-R is usually controlled via an **H-Bridge** driver to allow for bidirectional rotation. #### Typical Wiring Diagram Logic ```cpp // Logic for controlling an ME12XAG-R via a Motor Driver void driveMotor(int speed, bool direction) { if (direction) { digitalWrite(IN1, HIGH); analogWrite(PWM_PIN, speed); // Speed control via Pulse Width Modulation } else { digitalWrite(IN1, LOW); analogWrite(PWM_PIN, speed); } } ``` ### 4. Common Applications Due to the "AG-R" suffix (which often indicates a specific gearbox or reduction ratio in industrial coding), this motor is found in: 1. **Digital Cameras:** Zoom and focus lens movement. 2. **Medical Pumps:** Precise fluid delivery in portable insulin or infusion pumps. 3. **Robotics:** Small-scale grippers or joints. --- **Warning:** Ensure you verify the exact datasheet for the "AG-R" suffix, as this often defines the **Gear Ratio**. Using a 1:100 gear ratio motor with 1:1 logic may damage your mechanical assembly.
    ✨ Follow-up Questions
    • ⤷What is the exact gear ratio for the ME12XAG-R variant?
    • ⤷ Which motor driver IC is recommended for a 12mm coreless motor?
    • ⤷ How do I calculate the power consumption for this motor under load?