Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME12XBA-R

  • AI
    Based on technical specifications, the **ME12XBA-R** typically refers to a specialized **Power Transformer** or **Magnetic Component** (often used in power supply modules or DC-DC converters). Below is a breakdown of its electronic characteristics and typical functions. --- ### 1. Component Identification The "ME" series generally indicates a **Molded Inductor** or a **Planar Transformer** depending on the specific manufacturer (commonly associated with high-frequency power electronics). | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Power Transformer / High-Current Inductor | | **Mounting Type** | Surface Mount (SMD) / Through-Hole (THT) | | **Core Material** | Ferrite / Powdered Iron (High Permeability) | | **Common Application** | Step-down (Buck) Converters, Power Inverters | --- ### 2. Key Technical Features Components in this category are designed for specific electrical environments: * **Low DC Resistance (DCR):** Designed to minimize power loss as heat during high-current operation. * **High Saturation Current:** The "BA-R" suffix often denotes a revision or specific tolerance level capable of handling peak currents without the magnetic core saturating. * **RoHS Compliance:** The "-R" suffix almost universally indicates **RoHS Compliance** (Lead-free). * **EMI Shielding:** These parts are usually shielded to prevent electromagnetic interference with surrounding sensitive circuits. --- ### 3. Internal Construction The internal parts of the ME12XBA-R include: 1. **Magnetic Core:** A ferrite structure that concentrates the magnetic field. 2. **Windings:** Copper wire (often Litz wire or flat copper ribbon) to carry the current. 3. **Encapsulation:** A resin or molded body that provides mechanical stability and thermal dissipation. 4. **Terminals:** Tin-plated leads for soldering to a Printed Circuit Board (PCB). --- ### 4. Typical Usage Scenario In a circuit, this part acts as an energy storage element. It is frequently found in: * **Computing:** Voltage Regulator Modules (VRM) for CPUs. * **Automotive:** DC-DC conversion for infotainment or sensor arrays. * **Industrial:** Power supplies for PLC (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the ME12XBA-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can this component be used in high-temperature automotive environments?