Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME12XBD-R

  • AI
    The **ME12XBD-R** is a high-performance, compact **Brushless DC (BLDC) Motor** integrated with a planetary gearbox. It is widely used in precision instrumentation, medical devices, and robotics due to its high torque-to-size ratio and electronic control efficiency. --- ## 1. Core Technical Specifications The following table highlights the primary electrical and mechanical characteristics of the ME12XBD-R series: | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Nominal Voltage** | 12V DC (Standard range 6V - 24V) | | **Gearbox Type** | Planetary Gearhead | | **Output Speed** | Varies by ratio (e.g., 50 - 500 RPM) | | **Rated Torque** | ~0.5 kg·cm to 5 kg·cm (Ratio dependent) | | **Commutation** | Electronic (Requires external or internal driver) | | **Feedback** | Integrated Hall Effect Sensors | --- ## 2. Electronic Component Breakdown ### A. The Brushless Architecture Unlike brushed motors, the ME12XBD-R uses **electronic commutation**. - **Stator:** Contains the copper windings that create a rotating magnetic field. - **Rotor:** Contains permanent magnets. - **Benefit:** Since there are no brushes to wear down, the motor produces less electrical noise (EMI) and has a significantly longer lifespan. ### B. Feedback System (Hall Sensors) The "BD" designation typically implies the presence of **Hall Effect Sensors**. - There are usually three sensors placed at 120-degree intervals. - **Function:** They detect the position of the rotor magnets and send a digital signal back to the motor controller to ensure precise timing of the phase switching. ### C. Wiring Configuration The motor typically features a multi-wire connector (JST or similar): 1. **Phase Wires (3):** Labeled U, V, and W. These carry the high-current power to the windings. 2. **Sensor Power (2):** VCC (usually 5V) and Ground for the Hall sensors. 3. **Sensor Output (3):** Signal lines for Hall A, B, and C. --- ## 3. Control Requirements To operate the ME12XBD-R, you cannot simply connect it to a battery. You require an **Electronic Speed Controller (ESC)** or a **BLDC Driver IC**. ### Recommended Control Logic: ```cpp // Pseudocode for BLDC Speed Control via PWM void setMotorSpeed(int pwmValue) { // pwmValue 0-255 controls the duty cycle to the driver analogWrite(MOTOR_PWM_PIN, pwmValue); } void readFeedback() { // Read Hall sensor pulses to calculate RPM int sensorState = digitalRead(HALL_A_PIN); } ``` --- ## 4. Key Advantages for Electronics Design * **High Efficiency:** Lower heat dissipation compared to brushed motors of the same size. * **Precise Speed Regulation:** Due to the Hall sensor feedback, the RPM can be locked using a PID control loop. * **Durability:** Suitable for continuous-duty applications where maintenance is difficult.
    ✨ Follow-up Questions
    • ⤷ What are the specific gear ratios available for the ME12XBD-R?
    • ⤷ Can this motor be driven by a standard L298N H-Bridge?
    • ⤷ How do I calculate the output torque based on the gear ratio?