Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ME12XBX-R

  • AI
    The **ME12XBX-R** is a specific model of a **Miniature Intermediate Power Relay** manufactured by Magnecraft (now a brand under Schneider Electric). These relays are designed for industrial applications requiring reliable switching in a compact form factor. ### 1. Technical Specifications The following table summarizes the key electronic characteristics of the ME12XBX-R: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | DPDT (2 Form C) | | **Contact Rating (Resistive)** | 12 Amps @ 120/240 VAC | | **Coil Voltage** | 12 VDC | | **Coil Resistance** | ~160 Ohms (Typical) | | **Mounting Style** | Plug-in / Socket Mount | | **Contact Material** | Silver Alloy | | **Features** | Manual Override / Flag Indicator (Mechanical) | --- ### 2. Internal Components & Construction The device consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** A precision-wound copper coil that creates a magnetic field when 12VDC is applied. * **Armature:** The moving part of the relay that is pulled toward the coil when energized, physicaly shifting the contacts. * **DPDT Contacts:** "Double Pole Double Throw" means it can control two separate circuits, switching each between a Normally Open (NO) and Normally Closed (NC) state. * **Mechanical Flag:** A visual indicator (usually orange or red) that shows the user whether the relay is currently energized without needing a multimeter. * **Manual Override Button:** A physical button that allows a technician to manually close the contacts to test the circuit logic. --- ### 3. Applications and Usage Because of its 12A rating and 12VDC coil, it is commonly found in: 1. **Industrial Control Panels:** Switching solenoids, small motors, or heaters. 2. **HVAC Systems:** Controlling fans or damper motors. 3. **Automotive Test Equipment:** Interfacing low-voltage logic (12V) with high-voltage AC loads. --- ### 4. Wiring Diagram Logic The pinout typically follows a standard 8-pin rectangular base configuration: ```text Coil Pins: 7, 8 (12VDC) Pole 1: - Common: 1 - NC: 3 - NO: 5 Pole 2: - Common: 2 - NC: 4 - NO: 6 ```
    ✨ Follow-up Questions
    • ⤷What is the compatible socket model for the ME12XBX-R?
    • ⤷ Can this relay be used with an AC coil voltage?
    • ⤷ What is the maximum switching voltage for the contacts?